Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC14ADB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC14ADB
Description  Hex inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14ADB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC14ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
6 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
12. Waveforms
CPD
power dissipation
capacitance
per buffer; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
9.0
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
12.5
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
15.6
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VM = 1.5 V at VCC  2.7 V
VM =0.5  VCC at VCC <2.7 V.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY)
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL


Similar Part No. - 74LVC14ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14ADB PHILIPS-74LVC14ADB Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC14ADB NXP-74LVC14ADB Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ADB NXP-74LVC14ADB Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ADB NXP-74LVC14ADB Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
More results

Similar Description - 74LVC14ADB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
logo
NXP Semiconductors
74LVC14APW118 NXP-74LVC14APW118 Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14A-Q100 NEXPERIA-74LVC14A-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW-T NXP-74LVC14APW-T Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com