Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC14ABQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC14ABQ
Description  Hex inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14ABQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC14ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
9 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
14. Waveforms transfer characteristics
VT at 20 % and VT+ at 70 %
Fig 8.
Definition of VT+, VT and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−
VCC = 3.3 V.
Fig 9.
Typical transfer characteristic
0
0.6
1.2
3
5
4
0
1
2
3
mna582
1.8
2.4
VI (V)
ICC
(mA)


Similar Part No. - 74LVC14ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14ABQ NEXPERIA-74LVC14ABQ Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
74LVC14ABQ-Q100 NEXPERIA-74LVC14ABQ-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
More results

Similar Description - 74LVC14ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
logo
NXP Semiconductors
74LVC14APW118 NXP-74LVC14APW118 Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14A-Q100 NEXPERIA-74LVC14A-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW-T NXP-74LVC14APW-T Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com