Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0423HD4H-WB Datasheet(PDF) 2 Page - Knowles Electronics

Part # SPM0423HD4H-WB
Description  Digital SiSonicTM Microphone
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0423HD4H-WB Datasheet(HTML) 2 Page - Knowles Electronics

  SPM0423HD4H-WB Datasheet HTML 1Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 2Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 3Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 4Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 5Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 6Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 7Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 8Page - Knowles Electronics SPM0423HD4H-WB Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Revision: C
2/28/2013
Sheet 2 of 13
©2013 Knowles Electronics
SPM0423HD4H-WB
1.
ABSOLUTE MAXIMUM RATINGS
Parameter
Absolute Maximum Rating
Units
VDD, DATA to Ground
-0.3, +5.0
V
CLOCK to Ground
-0.3, +5.0
V
SELECT to Ground
-0.3, +5.0
V
Input Current
±5
mA
Short Circuit Current to/from DATA
Indefinite to Ground or VDD
sec
Temperature Range
-40 to +100
°C
Stresses exceeding these “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation at these or any other conditions beyond those indicated under “Acoustic
& Electrical Specifications” is not implied. Exposure beyond those indicated under “Acoustic & Electrical
Specifications” for extended periods may affect device reliability.
2.
ACOUSTIC & ELECTRICAL SPECIFICATIONS
TEST CONDITIONS: 23 ±2°C, 55±20% R.H., VDD=1.8 V, FCLOCK=2.4 MHz, SELECT pin grounded, no load,
unless otherwise indicated
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
1
VDD
1.6
-
3.6
V
Supply Current
1,2,3
IDD
-
500
600
µA
Sleep Current
3
ISLEEP
FCLOCK < 1 kHz
-
25
50
µA
Sensitivity
1
S
94 dB SPL @ 1 kHz
-29
-26
-23
dBFS
Signal to Noise Ratio
SNR
94 dB SPL @ 1 kHz, A-weighted
-
56
-
dB(A)
Total Harmonic
Distortion
THD
94 dB SPL @ 1 kHz, S = Typ
-
-
1
%
Acoustic Overload
Point
AOP
10% THD @ 1 kHz, S = Typ
115
-
-
dB
SPL
DC Output
Fullscale = ±100
-
4
-
% FS
Directivity
Omnidirectional
Polarity
Increasing sound pressure
Decreasing density of 1’s
Data Format
½ Cycle PDM
Logic Input High
VIH
0.65xVDD
-
3.6
V
Logic Input Low
VIL
-0.3
-
0.35xVDD
V
Logic Output High
VOH
IOUT = 1 mA
0.65xVDD
-
VDD
V
Logic Output Low
VOL
IOUT = 1 mA
0
-
0.35xVDD
V


Similar Part No. - SPM0423HD4H-WB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0423HE4H-WB KNOWLES-SPM0423HE4H-WB Datasheet
928Kb / 13P
   Digital SiSonicTM Microphone With Enhanced RF Performance
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
   Digital SiSonicTM Microphone
More results

Similar Description - SPM0423HD4H-WB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM1437HM4H-B KNOWLES-SPM1437HM4H-B Datasheet
981Kb / 13P
   Digital SiSonicTM Microphone
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
   Digital SiSonicTM Microphone
SPM0437HD4H-B KNOWLES-SPM0437HD4H-B Datasheet
909Kb / 13P
   Digital SiSonicTM Microphone
SPK0415HM4H-B KNOWLES-SPK0415HM4H-B Datasheet
686Kb / 13P
   Digital High-SNR SiSonicTM Microphone
SPK0838HT4H-B KNOWLES-SPK0838HT4H-B Datasheet
711Kb / 13P
   Digital High-SNR SiSonicTM Microphone
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
   Digital Zero-Height SiSonicTM Microphone
SPU0409HD5H-PB KNOWLES-SPU0409HD5H-PB Datasheet
812Kb / 11P
   SiSonicTM Microphone
SPM1423HM4H-B KNOWLES-SPM1423HM4H-B Datasheet
1Mb / 11P
   Digital Mini High SNR SiSonicTM Microphone Specification
SPM0423HE4H-WB KNOWLES-SPM0423HE4H-WB Datasheet
928Kb / 13P
   Digital SiSonicTM Microphone With Enhanced RF Performance
SPV1840LR5H-B KNOWLES-SPV1840LR5H-B Datasheet
888Kb / 11P
   Zero-Height SiSonicTM Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com