Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SJA1000N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SJA1000N
Description  Stand-alone CAN controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SJA1000N Datasheet(HTML) 3 Page - NXP Semiconductors

  SJA1000N Datasheet HTML 1Page - NXP Semiconductors SJA1000N Datasheet HTML 2Page - NXP Semiconductors SJA1000N Datasheet HTML 3Page - NXP Semiconductors SJA1000N Datasheet HTML 4Page - NXP Semiconductors SJA1000N Datasheet HTML 5Page - NXP Semiconductors SJA1000N Datasheet HTML 6Page - NXP Semiconductors SJA1000N Datasheet HTML 7Page - NXP Semiconductors SJA1000N Datasheet HTML 8Page - NXP Semiconductors SJA1000N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
2000 Jan 04
3
Philips Semiconductors
Product specification
Stand-alone CAN controller
SJA1000
1
FEATURES
• Pin compatibility to the PCA82C200 stand-alone CAN
controller
• Electrical compatibility to the PCA82C200 stand-alone
CAN controller
• PCA82C200 mode (BasicCAN mode is default)
• Extended receive buffer (64-byte FIFO)
• CAN 2.0B protocol compatibility (extended frame
passive in PCA82C200 compatibility mode)
• Supports 11-bit identifier as well as 29-bit identifier
• Bit rates up to 1 Mbits/s
• PeliCAN mode extensions:
– Error counters with read/write access
– Programmable error warning limit
– Last error code register
– Error interrupt for each CAN-bus error
– Arbitration lost interrupt with detailed bit position
– Single-shot transmission (no re-transmission)
– Listen only mode (no acknowledge, no active error
flags)
– Hot plugging support (software driven bit rate
detection)
– Acceptance filter extension (4-byte code, 4-byte
mask)
– Reception of ‘own’ messages (self reception request)
• 24 MHz clock frequency
• Interfaces to a variety of microprocessors
• Programmable CAN output driver configuration
• Extended ambient temperature range (−40 to +125 °C).
2
GENERAL DESCRIPTION
The SJA1000 is a stand-alone controller for the Controller
Area Network (CAN) used within automotive and general
industrial environments. It is the successor of the
PCA82C200 CAN controller (BasicCAN) from Philips
Semiconductors. Additionally, a new mode of operation is
implemented (PeliCAN) which supports the CAN 2.0B
protocol specification with several new features.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SJA1000
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
SJA1000T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1


Similar Part No. - SJA1000N

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
SJA1000T PHILIPS-SJA1000T Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
More results

Similar Description - SJA1000N

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
   STAND-ALONE CAN CONTROLLER
Microchip Technology
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com