Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9887TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9887TS
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9887TS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9887TS Datasheet HTML 1Page - NXP Semiconductors TDA9887TS Datasheet HTML 2Page - NXP Semiconductors TDA9887TS Datasheet HTML 3Page - NXP Semiconductors TDA9887TS Datasheet HTML 4Page - NXP Semiconductors TDA9887TS Datasheet HTML 5Page - NXP Semiconductors TDA9887TS Datasheet HTML 6Page - NXP Semiconductors TDA9887TS Datasheet HTML 7Page - NXP Semiconductors TDA9887TS Datasheet HTML 8Page - NXP Semiconductors TDA9887TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
2004 Aug 25
4
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
notes 1 and 2
4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
Video part
Vi(VIF)(rms)
VIF input voltage sensitivity
(RMS value)
−1 dB video at output
60
100
µV
GVIF(cr)
VIF gain control range
60
66
dB
fVIF
vision carrier operating frequencies
see Table 17
33.4
MHz
33.9
MHz
38.0
MHz
38.9
MHz
45.75
MHz
58.75
MHz
∆fVIF
VIF frequency window of digital
acquisition help
related to fVIF; see Fig.11
−±2.3
MHz
Vo(v)(p-p)
video signal output voltage
(peak-to-peak value)
see Fig.5
normal mode
1.7
2.0
2.3
V
trap bypass mode
0.95
1.10
1.25
V
Gdif
differential gain
“CCIR 330”; note 3
B/G standard
−−
5%
L standard
−−
7%
ϕdif
differential phase
“CCIR 330”
2
4
deg
Bv(−1dB)
−1 dB video bandwidth
trap bypass mode; AC load;
CL < 20 pF; RL >1kΩ
56
MHz
Bv(−3dB)(trap)
−3 dB video bandwidth including
sound carrier trap
note 4
ftrap = 4.5 MHz
3.95
4.05
MHz
ftrap = 5.5 MHz
4.90
5.00
MHz
ftrap = 6.0 MHz
5.40
5.50
MHz
ftrap = 6.5 MHz
5.50
5.95
MHz
αSC1
trap attenuation at first sound
carrier
M/N standard
30
36
dB
B/G standard
30
36
dB
S/NW
weighted signal-to-noise ratio
weighted in accordance with
“CCIR 567”; see Fig.13;
note 5
56
59
dB
PSRRCVBS
power supply ripple rejection at
pin CVBS
fripple = 70 Hz; video signal;
grey level; positive and
negative modulation;
see Fig.6
20
25
dB
AFCstps
AFC control steepness
definition:
∆IAFC/∆fVIF
0.85
1.05
1.25
µA/kHz


Similar Part No. - TDA9887TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9887TS/V4 PHILIPS-TDA9887TS/V4 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
More results

Similar Description - TDA9887TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com