Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B715PN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P82B715PN
Description  I2C-bus extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B715PN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P82B715PN Datasheet HTML 7Page - NXP Semiconductors P82B715PN Datasheet HTML 8Page - NXP Semiconductors P82B715PN Datasheet HTML 9Page - NXP Semiconductors P82B715PN Datasheet HTML 10Page - NXP Semiconductors P82B715PN Datasheet HTML 11Page - NXP Semiconductors P82B715PN Datasheet HTML 12Page - NXP Semiconductors P82B715PN Datasheet HTML 13Page - NXP Semiconductors P82B715PN Datasheet HTML 14Page - NXP Semiconductors P82B715PN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
P82B715_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 9 November 2009
11 of 23
NXP Semiconductors
P82B715
I2C-bus extender
The 300 ns bus fall time, and the Standard-mode I2C-bus limit specification limit of
400 pF, must also be observed. If the 400 pF limit is observed the fall time limit will be
met. Allocate about 1
3 of this 400 pF limit, or 133 pF, to each I
2C-bus leaving 2
3, or
266 pF, for the cable bus loading as it will appear at the Sx/Sy pins. The
×10 gain of
P82B715 allows the loading at Lx/Ly to be 10 times the load at Sx/Sy, so 2660 pF
maximum. The loading at Lx/Ly due to the other standard buses is 133 pF each. For
just one remote module the cable capacitance may then be up to
(2660
− 133) = 2530 pF. For typical twisted pair or flat cables, as used for telephony or
Ethernet (Cat5e) wiring, that capacitance is around 50 pF to 70 pF / meter so the
cable could, in theory, be up to 50 m long. From practical experience, 30 m has
proven a safe cable length to be driven in this simple way, up to 100 kHz, with the
values shown. Longer distances and higher speeds are possible but require more
careful design.
If there are severe EMI/ESD tests to be passed then large clamp diodes can be fitted
on the cable bus at each module to VCC and to ground. They may be diodes rated for
this ESD application, or simply large rectifiers (1N4000). The low-impedance bus
easily accommodates their relatively large capacitance. The P82B715 does not
provide any isolation between Lx and Sx, so this clamping method provides the best
protection for the lower voltage I2C-bus parts. The VCC supply should be bypassed
using low-impedance capacitors. Zeners may be fitted to prevent the supply rising due
to rectification during very large interference.
8.3 Comparison of P82B715 versus P82B96 in the quick design-in
point-to-point/multi-point circuit
The lower VOL level and ability to operate with any master, slave or bus buffer is the
primary advantage of the using the P82B715 for long distance buses at the disadvantage
of not isolating bus capacitance like the P82B96 or PCA9600 are able to do. The primary
disadvantage of the P82B96 and PCA9600 is that the static level offset needed to isolate
bus capacitance does not allow these devices to operate with other bus buffers with
special offset levels or with master/slaves that require a VIL lower than 0.8 V with noise
margin. Waveforms using the circuit shown in Figure 9 are shown in Figure 10 using the
P82B715 and Figure 11 using the P82B96 so that the designer can clearly see these
trade-offs and choose the type of device that is best for their application.
Fig 10. Clock and data signal output at Sx/Sy from a system with P82B715 at each end of
a 20 m cable
time (
µs)
0
20
16
812
4
002aad818
−1
5
3
1
7
voltage
(V)
SDA
SCL
SDA
SDA
SCL
SCL


Similar Part No. - P82B715PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B715PN PHILIPS-P82B715PN Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715PN NXP-P82B715PN Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
More results

Similar Description - P82B715PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com