Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77910ADBTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77910ADBTR
Description  Multi-Cell Lithium-Ion/Polymer Precision Protector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ77910ADBTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ77910ADBTR Datasheet HTML 3Page - Texas Instruments BQ77910ADBTR Datasheet HTML 4Page - Texas Instruments BQ77910ADBTR Datasheet HTML 5Page - Texas Instruments BQ77910ADBTR Datasheet HTML 6Page - Texas Instruments BQ77910ADBTR Datasheet HTML 7Page - Texas Instruments BQ77910ADBTR Datasheet HTML 8Page - Texas Instruments BQ77910ADBTR Datasheet HTML 9Page - Texas Instruments BQ77910ADBTR Datasheet HTML 10Page - Texas Instruments BQ77910ADBTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
bq77910A
www.ti.com
SLUSAV6
– FEBRUARY 2012
ELECTRICAL CHARACTERISTICS
Vcell(n) = 1.4 to 4.375 for all cells, TA = –25°C to 85ºC, BAT = 5.6 to 43.75 V; Typical values stated where TA = 25°C and
BAT = 36 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
CHG, DSG = on (no dc load), VREG = on,
ICC
Normal-mode average supply current
50
75
µA
IREG = 0 mA, BAT = 36 V
Vcell
< Vuv, VREG = off (EEPROM set), CPCKN = 0.3 V
5
17
ISHUTDOWN_2
(1)
Shutdown mode, LDO off
µA
Vcell
< Vuv, VREG = off (EEPROM set), CPCKN = 0.5 V
20
60
INTERNAL POWER CONTROL (STARTUP, SHUTDOWN, GATE DRIVE UNDERVOLTAGE)
VSTARTUP
Minimum voltage for initial power up
(2)
Measured at BAT pin
7
V
LDO POR voltage
– voltage on LDO that
VPOR
(3)
ILDO = 2 mA
2.7
3.2
V
initiates a POR
VGATE_UV
FET gate shutdown threshold (voltage falling)
Measured at CCAP/DCAP pins
4.5
4.9
5.3
V
VGATE_UV_H
FET gate shutdown hysteresis voltage
Measured at CCAP/DCAP pins
0.45
0.7
V
FET DRIVE
(4)
BAT voltage = 43.75 V (gate-drive circuit in regulation
11
12
14
mode), no dc load
Gate drive voltage at DSG and CHG pins for
BAT voltage = 10 V (gate-drive circuit in dropout mode), no
V(FETON)
9
V
FET ON (enabled) conditions
dc load
BAT voltage = 6.4 V (gate-drive circuit in dropout mode), no
>VGATE_UV
dc load
VO(FETOFFDSG) = V(DSG) – VGND
0.2
Gate drive voltage at DSG and CHG pins for
V(FETOFF)
V
FET OFF (disabled) conditions
VO(FETOFFCHG) = V(VHG) – Vpack–
0.2
VDSG: 10% to 90%
90
140
CL = 50 nF, BAT = 43.75 V
VCHG: 10% to 90%
90
140
tr
Rise time, measured at IC pin (CHG or DSG)
µs
VDSG: 10% to 90%
90
140
CL = 50 nF, BAT = 6.4 V
VCHG: 10% to 90%
90
140
VDSG : 90% to 10%
10
20
CL = 50 nF, BAT = 43.75 V
VCHG: 90% to 10%
20
40
tf
Fall time, measured at IC pin (CHG or DSG)
µs
VDSG : 90% to 10%
50
100
CL = 50 nF, BAT = 6.4 V
VCHG: 90% to 10%
50
100
VREG, INTEGRATED 3.3-V LDO
IOUT = 10 mA (maximum dc load)
(5)
3.1
3.3
3.55
V
Output-voltage regulation under all line, load,
VREG
temperature conditions
IOUT = 0.2 mA
3.1
3.3
3.55
V
ISC
Short-circuit current limit
VREG = 0 V, forced external short (thermally protected)
(6)
20
45
mA
(1)
For predictable shutdown current, the voltage at CPCKN with respect to VSS must be controlled. In the parallel FET case, CPCKN is
clamped through the body diode of the charge FET. In the series FET case, external circuitry is required to keep CPCKN from floating.
Contact TI for recommended application circuits.
(2)
At this voltage, the LDO has sufficient voltage to maintain regulation. The POR then enables the charger-detect logic. Logic is held in
reset until inserted into charger and LDO has reached VPOR. The part still operates below 7 V to the spec limit of 5.6 V.
(3)
VPOR and VREG are derived from the same internal reference, so that the MAX value of VPOR and the MIN value of VREG do not occur
at the same time.
(4)
FET drive is disabled if voltage at CCAP or DCAP pins
< VGATE_UV. Turnoff due to gate-drive undervoltage condition meets the same
timing requirements as logic-initiated gate turnoff.
(5)
ELECTRICAL CHARACTERISTICS assume that IOUT = 0 so that the internal junction temperature (TJ) is effectively equal to the
ambient temperature (TA). For larger non-zero values of IOUT, TJ can be significantly higher than TA. In these cases, TJ should be
substituted for TA in the test and operating conditions. TJ can be calculated from the device power dissipation as described under
THERMAL CHARACTERISTICS. The device power dissipation due to IOUT is (VBAT – VREG) × IOUT.
(6)
Regulator shuts down prior to current-limit maximum specification if junction temperature exceeds safe range.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq77910A


Similar Part No. - BQ77910ADBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results

Similar Description - BQ77910ADBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910 TI1-BQ77910 Datasheet
843Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Neotec Semiconductor Lt...
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
   2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
   3-Cell Lithium-lon/Polymer Protector
V1.00
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com