Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPAx348 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPAx348
Description  1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAx348 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPAx348 Datasheet HTML 6Page - Texas Instruments OPAx348 Datasheet HTML 7Page - Texas Instruments OPAx348 Datasheet HTML 8Page - Texas Instruments OPAx348 Datasheet HTML 9Page - Texas Instruments OPAx348 Datasheet HTML 10Page - Texas Instruments OPAx348 Datasheet HTML 11Page - Texas Instruments OPAx348 Datasheet HTML 12Page - Texas Instruments OPAx348 Datasheet HTML 13Page - Texas Instruments OPAx348 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
R =
F
V
REF
1000(I
)
BMAX
=
1.2V
1000(100pA)
=12M
10M
»
W
W
(1)
R =R
1
F
V
HYST
V
BATT
=10MW
50mW
2.4V
=210kW
(2)
R
IN
OPA379
V
IN
V
OUT
R
F
C
FB
C
IN
BATTERY MONITORING
R =
2
1
-
V
THRS
V
R
´
REF
1
1
R
1
-
1
R
F
=
1
-
2V
1.2V ´ 210kW
1
210kW
-
1
10MW
=325kW
(3)
R
=
BIAS
(V
V
)
-
REF
BATTMIN
I
BIAS
=
(1.8V
1.2V)
-
2 A
m
=0.3MW
(4)
REF1112
OPA379
+IN
OUT
-
IN
V
STATUS
V
BATT
V
REF
R
1
R
2
R
BIAS
I
BIAS
R
F
+
OPA379
OPA2379
OPA4379
SBOS347D – NOVEMBER 2005 – REVISED MAY 2008 ................................................................................................................................................... www.ti.com
In unity-gain inverter configuration, phase margin can
be reduced by the reaction between the capacitance
at the op amp input and the gain setting resistors.
Best performance is achieved by using smaller
valued
resistors.
However,
when
large
valued
resistors cannot be avoided, a small (4pF to 6pF)
capacitor, CFB, can be inserted in the feedback, as
shown in Figure 22. This configuration significantly
2. Choose the hysteresis voltage, VHYST. For battery
reduces overshoot by compensating the effect of
monitoring applications, 50mV is adequate.
capacitance, CIN, which includes the amplifier input
3. Calculate R1 as follows:
capacitance (3pf) and printed circuit board (PC)
parasitic capacitance.
4. Select a threshold voltage for VIN rising (VTHRS) =
2.0V
5. Calculate R2 as follows:
Figure 22. Improving Stability for Large RF and RIN
The low operating voltage and quiescent current of
6. Calculate RBIAS: The minimum supply voltage for
the OPA379 series make it an excellent choice for
this circuit is 1.8V. The REF1112 has a current
battery
monitoring
applications,
as
shown
in
requirement of 1.2
µA (max). Providing 2µA of
Figure 23. In this circuit, VSTATUS is high as long as
supply
current
assures
proper
operation.
the battery voltage remains above 2V. A low-power
Therefore:
reference is used to set the trip point. Resistor values
are selected as follows:
1. RF Selecting: Select RF such that the current
through RF is approximately 1000x larger than
the maximum bias current over temperature:
Figure 23. Battery Monitor
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA379 OPA2379 OPA4379


Similar Part No. - OPAx348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPAX348 BURR-BROWN-OPAX348 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPAx348 TI1-OPAx348 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPAx348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com