Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4835DY Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SI4835DY
Description  P-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4835DY Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SI4835DY Datasheet HTML 1Page - Fairchild Semiconductor SI4835DY Datasheet HTML 2Page - Fairchild Semiconductor SI4835DY Datasheet HTML 3Page - Fairchild Semiconductor SI4835DY Datasheet HTML 4Page - Fairchild Semiconductor SI4835DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si4835DY Rev. A
Typical Characteristics
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -8.8A
VGS = -10V
0
10
20
30
40
50
12
34
56
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
V
DS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
1020
304050
-ID, DIRAIN CURRENT (A)
VGS = -4.0V
-5.0V
-6.0V
-7.0V
-8.0V
-10V
-4.5V
0
0.01
0.02
0.03
0.04
0.05
0.06
3456789
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -4.4A
TA = 125
oC
TA = 25
oC
0
10
20
30
40
50
012
345
-VDS, DRAIN-SOURCE VOLTAGE (V)
-6.0V
-5.0V
-4.5V
-4.0V
-3.5V
-7.0V
VGS = -10V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC


Similar Part No. - SI4835DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835DDY VISHAY-SI4835DDY Datasheet
244Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
Si4835DDY VISHAY-Si4835DDY Datasheet
177Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
logo
SHENZHEN DOINGTER SEMIC...
SI4835DDY DOINGTER-SI4835DDY Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4835DDY-T1-E3 VISHAY-SI4835DDY-T1-E3 Datasheet
244Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI4835DDY-T1-E3 VBSEMI-SI4835DDY-T1-E3 Datasheet
996Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4835DY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com