Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1040CT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBRF1040CT
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRF1040CT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBRF1040CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRF1040CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1020CT
THRU
MBRF10100CT
10 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
Low Power Loss
High Efficiency
Low Forward Voltage , High Current Capability
High surge capacity
Case : ITO-220AB Full Molded Plastic Package
Maximum Ratings
Operating Junction Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1020CT-1045CT
1050CT-1060CT
VF
.55V
.75V
IFM = 5A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
          

ITO-220AB
TJ = 25
°C
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

IR
1080CT-10100CT
.85V
O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
0.5mA
TC = 25
°C
50mA
TC = 100
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRF1030CT
F1030CT
30V
21V
30V
MBRF1040CT
F1040CT
40V
28V
40V
MBRF1020CT
F1020CT
20V
14V
20V
MBRF1045CT
F1045CT
45
V
31.5
V
45
V
MBRF10100CT F10100CT
100V
70V
100V
MBRF1050CT
F1050CT
50V
35V
50V
MBRF1060CT
F1060CT
60V
42V
60V
MBRF1080CT
F1080CT
80V
56V
80V
www.kersemi.com


Similar Part No. - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1040CT MCC-MBRF1040CT Datasheet
390Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diode Semiconductor Kor...
MBRF1040CT DSK-MBRF1040CT Datasheet
366Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
MBRF1040CT ETC1-MBRF1040CT Datasheet
59Kb / 2P
   Dual Schottky Rectifiers
logo
Zibo Seno Electronic En...
MBRF1040CT ZSELEC-MBRF1040CT Datasheet
322Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
Diotech Company.
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
896Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1050 KERSEMI-MBRF1050 Datasheet
459Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020F MCC-MBR1020F Datasheet
382Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT Datasheet
664Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com