Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC2336222 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # BFC2336222
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336222 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button BFC2336222 Datasheet HTML 5Page - Vishay Siliconix BFC2336222 Datasheet HTML 6Page - Vishay Siliconix BFC2336222 Datasheet HTML 7Page - Vishay Siliconix BFC2336222 Datasheet HTML 8Page - Vishay Siliconix BFC2336222 Datasheet HTML 9Page - Vishay Siliconix BFC2336222 Datasheet HTML 10Page - Vishay Siliconix BFC2336222 Datasheet HTML 11Page - Vishay Siliconix BFC2336222 Datasheet HTML 12Page - Vishay Siliconix BFC2336222 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
9
MKP 336 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
PITCH: 27.5 mm; C-TOL = ± 20 %
Note
(1) Weight for short lead product only
PITCH: 27.5 MM; C-TOL = ± 10 %
Note
(1) Weight for short lead product only
PITCH: 27.5 mm; C-TOL = ± 5 %
Note
(1) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
SHORT LEADS
LONG LEADS
lt = 3.5 ± 0.3 mm
lt =5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm
SPQ
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.47
9.0 x 19.0 x 31.0
5.5
29055
29279
100
29095
150
0.68
20684
29149
100
26684
125
1.0
11.0 x 21.0 x 31.0
7.4
20105
29151
100
26105
125
1.5
13.0 x 23.0 x 31.0
9.2
20155
29152
100
26155
125
2.2
15.0 x 25.0 x 31.0
12.3
20225
29153
100
26225
75
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
SHORT LEADS
LONG LEADS
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm
SPQ
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.47
9.0 x 19.0 x 31.0
5.5
29056
29287
100
29096
150
0.56
21564
-
27564
125
0.68
21684
29173
27684
0.82
11.0 x 21.0 x 31.0
7.4
21824
-
27824
1.0
21105
29174
27105
1.2
13.0 x 23.0 x 31.0
9.2
21125
-
27125
1.5
21155
29175
27155
1.8
15.0 x 25.0 x 31.0
12.3
21185
-
27185
75
2.2
21225
29176
27225
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
SHORT LEADS
LONG LEADS
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm
SPQ
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.47
9.0 x 19.0 x 31.0
5.5
22474
-
100
28474
125
0.56
22564
-
28564
0.68
22684
-
28684
0.82
11.0 x 21.0 x 31.0
7.4
22824
-
28824
1.0
22105
-
28105
1.2
13.0 x 23.0 x 31.0
9.2
22125
-
28125
1.5
22155
-
28155
1.8
15.0 x 25.0 x 31.0
12.3
22185
-
28185
75
2.2
22225
-
28225


Similar Part No. - BFC2336222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620152 VISHAY-BFC233620152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC2336222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com