Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C010A-15 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27C010A-15
Description  8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C010A-15 Datasheet(HTML) 1 Page - Texas Instruments

  TMS27C010A-15 Datasheet HTML 1Page - Texas Instruments TMS27C010A-15 Datasheet HTML 2Page - Texas Instruments TMS27C010A-15 Datasheet HTML 3Page - Texas Instruments TMS27C010A-15 Datasheet HTML 4Page - Texas Instruments TMS27C010A-15 Datasheet HTML 5Page - Texas Instruments TMS27C010A-15 Datasheet HTML 6Page - Texas Instruments TMS27C010A-15 Datasheet HTML 7Page - Texas Instruments TMS27C010A-15 Datasheet HTML 8Page - Texas Instruments TMS27C010A-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMS27C010A 131 072 BY 8BIT UV ERASABLE
TMS27PC010A 131 072 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS110C − NOVEMBER 1990 − REVISED SEPTEMBER 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization . . . 131072 by 8 Bits
D Single 5-V Power Supply
D Operationally Compatible With Existing
Megabit EPROMs
D Industry Standard 32-Pin Dual-In-line
Package and 32-Lead Plastic Leaded Chip
Carrier
D All Inputs/Outputs Fully TTL Compatible
D Maximum Access/Minimum Cycle Time
VCC ± 10%
’27C/PC010A-10
100
ns
’27C / PC010A-12
120
ns
’27C / PC010A-15
150
ns
’27C / PC010A-20
200
ns
D 8-Bit Output For Use in
Microprocessor-Based Systems
D Very High-Speed SNAP! Pulse
Programming
D Power-Saving CMOS Technology
D 3-State Output Buffers
D 400-mV Minimum DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Pins
D No Pullup Resistors Required
D Low Power Dissipation (VCC = 5.5 V)
− Active . . . 165 mW Worst Case
− Standby . . . 0.55 mW Worst Case
(CMOS-Input Levels)
D Temperature Range Options
description
The TMS27C010A series are 131 072 by 8-bit
(1 048 576-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC010A series are 131 072 by 8-bit
(1 048 576-bit), one-time programmable (OTP)
electrically programmable read-only memories
(PROMs).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
VCC
PGM
NC
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN NOMENCLATURE
A0 − A16
Address Inputs
DQ0 − DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
GND
Ground
NC
No Internal Connection
PGM
Program
VCC
5-V Power Supply
VPP
13-V Power Supply †
† Only in program mode
J PACKAGE
( TOP VIEW )
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
FM PACKAGE
( TOP VIEW )
Copyright
 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS27C010A-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C010A-150JE TI-TMS27C010A-150JE Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-15JE TI-TMS27C010A-15JE Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-15JL TI-TMS27C010A-15JL Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C010A-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com