Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1206ZKYSV5BN390 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CC1206ZKYSV5BN390
Description  SURFACE-MOUNT CERAMIC CERAMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206ZKYSV5BN390 Datasheet(HTML) 3 Page - YAGEO Corporation

  CC1206ZKYSV5BN390 Datasheet HTML 1Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 2Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 3Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 4Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 5Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 6Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 7Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 8Page - YAGEO Corporation CC1206ZKYSV5BN390 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
3
14
Product specification
Y5V
handbook, full pagewidth
2 2 X X X X X X 9 X X X
Carrier type
50 = Blister (6.3 V)
55 = Paper/PE (6.3 V)
22 = Blister
38 = Paper/PE
54 = Bulk
Voltage
20 = 6.3 V
24 = 10 V
78 = 16 V
91 = 25 V
58 = 50 V
Size
8 = 0201
7 = 0402
6 = 0603
0 = 0805
1 = 1206
2 = 1210
Capacitance value(1)
Tolerance
7 =
±20%
8 =
−20 to +80%
Packaging(2)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
YNM0009
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 12062F105M8BB0D
1206
2F
105
M
8
B
B
0
D
Size
code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage Termination
Packing
Marking
Range identifier
0201
0402
0603
0805
1206
1210
2F = Y5V 101 = 100 pF;
the third digit
signifies the
multiplying factor:
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
4 = x 10,000
5 = x 100,000
6 = x 1,000,000
M = ±20%
Z = –20% to +80%
5 = 6.3 V
6 = 10 V
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm
7” Paper/PE
3 = 330 mm
13” Paper/PE
B = 180 mm
7” Blister
F = 330 mm
13” Blister
P = Bulk case
0 = no marking D = Class 2 MLCC
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR Y5V"
(2) Quantity on reel depends on thickness classification; see table 5


Similar Part No. - CC1206ZKYSV5BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206ZKYSV5BN331 YAGEO-CC1206ZKYSV5BN331 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206ZKYSV5BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
   Ceramic Surface Mount VCXO
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
M/A-COM Technology Solu...
C2084 MA-COM-C2084 Datasheet
122Kb / 3P
   Ceramic Surface Mount Amplifier
logo
List of Unclassifed Man...
CTVZ-A6B3 ETC2-CTVZ-A6B3 Datasheet
44Kb / 1P
   Ceramic Surface Mount TCVCXO
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
   Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com