Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C256JL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C256JL
Description  8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C256JL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C256JL Datasheet HTML 4Page - Texas Instruments TMS27C256JL Datasheet HTML 5Page - Texas Instruments TMS27C256JL Datasheet HTML 6Page - Texas Instruments TMS27C256JL Datasheet HTML 7Page - Texas Instruments TMS27C256JL Datasheet HTML 8Page - Texas Instruments TMS27C256JL Datasheet HTML 9Page - Texas Instruments TMS27C256JL Datasheet HTML 10Page - Texas Instruments TMS27C256JL Datasheet HTML 11Page - Texas Instruments TMS27C256JL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TMS27C256 32768 BY 8BIT UV ERASABLE
TMS27PC256 32768 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS256H− SEPTEMBER 1984 − REVISED NOVEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended range of operating conditions
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-10
’27PC256-10
’27C256-12
’27PC256-12
’27C256-15
’27PC256-15
UNIT
PARAMETER
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
100
120
150
ns
ta(E)
Access time from chip enable
C = 100 pF,
100
120
150
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load,
55
55
75
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
45
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
Input tf ≤ 20 ns
0
0
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-17
’27PC256-17
’27C256-20
’27PC256-20
’27C256-25
’27PC256-25
UNIT
PARAMETER
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
170
200
250
ns
ta(E)
Access time from chip enable
C = 100 pF,
170
200
250
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load,
75
75
100
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
Input tf ≤ 20 ns
0
0
0
ns
† Value calculated from 0.5 V delta to measured level. This parameter is only sampled and not 100% tested.
NOTES:
3. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low) (see Figure 2).
4. Common test conditions apply for the tdis except during programming.
switching characteristics for programming: VCC = 6.50 V and VPP = 13 V (SNAP! Pulse), TA = 25°C
(see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Output disable time from G
0
130
ns
ten(G)
Output enable time from G
150
ns
NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low).
timing requirements for programming
MIN
NOM
MAX
UNIT
th(A)
Hold time, address
0
µs
th(D)
Hold time, data
2
µs
tw(IPGM)
Pulse duration, initial program
95
100
105
µs
tsu(A)
Setup time, address
2
µs
tsu(G)
Setup time, G
2
µs
tsu(E)
Setup time, E
2
µs
tsu(D)
Setup time, data
2
µs
tsu(VPP)
Setup time, VPP
2
µs
tsu(VCC)
Setup time, VCC
2
µs


Similar Part No. - TMS27C256JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256JE TI-TMS27C256JE Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256JE TI-TMS27C256JE Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C256JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com