Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4925 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SI4925
Description  Dual P-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4925 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SI4925 Datasheet HTML 1Page - Fairchild Semiconductor SI4925 Datasheet HTML 2Page - Fairchild Semiconductor SI4925 Datasheet HTML 3Page - Fairchild Semiconductor SI4925 Datasheet HTML 4Page - Fairchild Semiconductor SI4925 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2001
Si4925DY
Dual P-Channel, Logic Level, PowerTrench® MOSFET
General Description
Features
Absolute Maximum Ratings
T
A = 25
oC unless otherwise noted
Symbol
Parameter
Si4925DY
Units
V
DSS
Drain-Source Voltage
-30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain Current - Continuous
(Note 1a)
-6
A
- Pulsed
-20
P
D
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Si4925DY Rev.A
-6 A, -30 V. R
DS(ON) = 0.032
@ V
GS = -10 V,
R
DS(ON) = 0.045
@ V
GS = -4.5 V.
Low gate charge (14.5nC typical).
High performance trench technology for extremely low
R
DS(ON).
High power and current handling capability.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
These P-Channel Logic Level MOSFETs are produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize the
on-state resistance and yet maintain low gate charge for
superior switching performance.
These devices are well suited for notebook computer
applications: load switching and power management,
battery charging circuits, and DC/DC conversion.
1
5
7
8
2
3
4
6
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
pin 1
© 2001 Fairchild Semiconductor International
49
25


Similar Part No. - SI4925

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4925BDY VISHAY-SI4925BDY Datasheet
96Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Feb-05
SI4925BDY VISHAY-SI4925BDY Datasheet
185Kb / 8P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4925BDY-E3 VISHAY-SI4925BDY-E3 Datasheet
96Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Feb-05
SI4925BDY-T1 VISHAY-SI4925BDY-T1 Datasheet
96Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Feb-05
SI4925BDY-T1-E3 VISHAY-SI4925BDY-T1-E3 Datasheet
96Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Feb-05
More results

Similar Description - SI4925

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com