Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8113TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8113TRPBF
Description  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8113TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8113TRPBF Datasheet HTML 1Page - International Rectifier IRF8113TRPBF Datasheet HTML 2Page - International Rectifier IRF8113TRPBF Datasheet HTML 3Page - International Rectifier IRF8113TRPBF Datasheet HTML 4Page - International Rectifier IRF8113TRPBF Datasheet HTML 5Page - International Rectifier IRF8113TRPBF Datasheet HTML 6Page - International Rectifier IRF8113TRPBF Datasheet HTML 7Page - International Rectifier IRF8113TRPBF Datasheet HTML 8Page - International Rectifier IRF8113TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8113
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.024
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.7
5.6
m
–––
5.8
6.8
VGS(th)
Gate Threshold Voltage
1.5
–––
2.2
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
- 5.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
24
36
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
8.5
–––
Qgodr
Gate Charge Overdrive
–––
7.3
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
10.5
–––
Qoss
Output Charge
–––
10
–––
nC
RG
Gate Resistance
–––
0.8
1.5
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
8.9
–––
td(off)
Turn-Off Delay Time
–––
17
–––
ns
tf
Fall Time
–––
3.5
–––
Ciss
Input Capacitance
–––
2910
–––
Coss
Output Capacitance
–––
600
–––
pF
Crss
Reverse Transfer Capacitance
–––
250
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
135
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
21
32
nC
Conditions
Max.
48
13.3
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 17.2A
e
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 13.3A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 13.3A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 13.3A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 13.8A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 13.3A
VDS = 24V, VGS = 0V, TJ = 125°C
–––
ID = 13.3A
VGS = 0V
VDS = 15V


Similar Part No. - IRF8113TRPBF

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF8113TR UMW-IRF8113TR Datasheet
416Kb / 8P
   30V N-Channel MOSFET
More results

Similar Description - IRF8113TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com