Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40130RHBTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40130RHBTG4
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40130RHBTG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40130RHBTG4 Datasheet HTML 1Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 2Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 3Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 4Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 5Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 6Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 7Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 8Page - Texas Instruments TPS40130RHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
SIMPLIFIED APPLICATION DIAGRAM
1
2
3
4
30
29
28
27
PGND
LDRV2
SW2
HDRV2
LDRV1
VIN5
SW1
HDRV1
TPS40130DBT
5
6
7
8
BOOT1
OVSET
VOUT
GSNS
9
10
11
DIFFO
CS1
CSRT1
12
13
14
15
COMP
VREF
DROOP
FB
26
25
24
23
BOOT2
SS
UVLO
BP5
22
21
20
19
AGND
CS2
CSRT2
RT
18
17
16
PGOOD
ILIM
EN/SYNC
5 V
5 V
5 V
DIFFO
LOAD
UDG−04017
VOUT
VIN
VIN
VIN
VREF
VOUT
TPS40130
SLUS602B – JUNE 2004 – REVISED SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback


Similar Part No. - TPS40130RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBT TI-TPS40130DBT Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
More results

Similar Description - TPS40130RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com