Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2835PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2835PWPR
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2835PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2835PWPR Datasheet HTML 2Page - Texas Instruments TPS2835PWPR Datasheet HTML 3Page - Texas Instruments TPS2835PWPR Datasheet HTML 4Page - Texas Instruments TPS2835PWPR Datasheet HTML 5Page - Texas Instruments TPS2835PWPR Datasheet HTML 6Page - Texas Instruments TPS2835PWPR Datasheet HTML 7Page - Texas Instruments TPS2835PWPR Datasheet HTML 8Page - Texas Instruments TPS2835PWPR Datasheet HTML 9Page - Texas Instruments TPS2835PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS2834, TPS2835
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223B − NOVEMBER 1999 − REVISED AUGUST 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted) (continued)
output drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Duty cycle < 2%,
V(BOOT) – V(BOOTLO) = 4.5 V,
V(HIGHDR) = 4 V
0.7
1.1
High-side sink (see Note 3)
Duty cycle < 2%,
tpw < 100 µs
(see Note 2)
V(BOOT) – V(BOOTLO) = 6.5 V,
V(HIGHDR) = 5 V
1.1
1.5
A
(see Note 2)
V(BOOT) – V(BOOTLO) = 12 V,
V(HIGHDR) = 10.5 V
2
2.4
Duty cycle < 2%,
V(BOOT) – V(BOOTLO) = 4.5 V,
V(HIGHDR) = 0.5V
1.2
1.4
Peak output
current
High-side source
(see Note 3)
Duty cycle < 2%,
tpw < 100 µs
(see Note 2)
V(BOOT) – V(BOOTLO) = 6.5 V,
V(HIGHDR) = 1.5 V
1.3
1.6
A
current
(see Note 3)
(see Note 2)
V(BOOT) – V(BOOTLO) = 12 V,
V(HIGHDR) = 1.5 V
2.3
2.7
Duty cycle < 2%,
VCC = 4.5 V, V(LOWDR) = 4 V
1.3
1.8
Low-side sink (see Note 3)
Duty cycle < 2%,
tpw < 100 µs
(see Note 2)
VCC = 6.5 V, V(LOWDR) = 5 V
2
2.5
A
Low-side sink (see Note 3)
tpw < 100 µs
(see Note 2)
VCC = 12 V, V(LOWDR) = 10.5 V
3
3.5
A
Low-side source
Duty cycle < 2%,
VCC = 4.5 V, VLOWDR)) = 0.5V
1.4
1.7
Low-side source
(see Note 3)
Duty cycle < 2%,
tpw < 100 µs
(see Note 2)
VCC = 6.5 V, V(LOWDR)) = 1.5 V
2
2.4
A
(see Note 3)
tpw < 100 µs
(see Note 2)
VCC = 12 V, V(LOWDR0) = 1.5 V
2.5
3
A
V(BOOT) – V(BOOTLO) = 4.5 V,
V(HIGHDR)= 0.5 V
5
High-side sink (see Note 3)
V(BOOT) – V(BOOTLO) = 6.5 V,
V(HIGHDR) = 0.5 V
5
V(BOOT) – V(BOOTLO) = 12 V,
V(HIGHDR) = 0.5 V
5
V(BOOT) – V(BOOTLO) = 4.5 V,
V(HIGHDR) = 4 V
75
Output
resistance
High-side source (see Note 3)
V(BOOT) – V(BOOTLO) = 6.5 V,
V(HIGHDR)= 6 V
75
resistance
V(BOOT) – V(BOOTLO) = 12 V,
V(HIGHDR) =11.5 V
75
V(DRV) = 4.5 V, V(LOWDR)= 0.5 V
9
Low-side sink (see Note 3)
V(DRV) = 6.5 V, V(LOWDR) = 0.5 V
7.5
Low-side sink (see Note 3)
V(DRV) = 12 V, V(LOWDR) = 0.5 V
6
V(DRV) = 4.5 V, V(LOWDR) = 4 V
75
Low-side source (see Note 3)
V(DRV) = 6.5 V, V(LOWDR)= 6 V
75
Low-side source (see Note 3)
V(DRV) = 12 V, V(LOWDR) = 11.5 V
75
NOTES:
2: Ensured by design, not production tested.
3. The pullup/pulldown circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the rDS(on) of the MOSFET transistor when
the voltage on the driver output is less than the saturation voltage of the bipolar transistor.


Similar Part No. - TPS2835PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2835PWPR TI1-TPS2835PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPRG4 TI1-TPS2835PWPRG4 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2835PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com