Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2231PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2231PWPR
Description  ExpressCard POWER INTERFACE SWITCH
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2231PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2231PWPR Datasheet HTML 4Page - Texas Instruments TPS2231PWPR Datasheet HTML 5Page - Texas Instruments TPS2231PWPR Datasheet HTML 6Page - Texas Instruments TPS2231PWPR Datasheet HTML 7Page - Texas Instruments TPS2231PWPR Datasheet HTML 8Page - Texas Instruments TPS2231PWPR Datasheet HTML 9Page - Texas Instruments TPS2231PWPR Datasheet HTML 10Page - Texas Instruments TPS2231PWPR Datasheet HTML 11Page - Texas Instruments TPS2231PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TPS2231
TPS2236
SLVS536J – JULY 2004 – REVISED SEPTEMBER 2009.................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS
TERMINAL
TPS2231
TPS2236
I/O
DESCRIPTION
NAME
NO.
NAME
NO.
PW
PWP
RGP
DAP
3.3VIN
4, 5
5, 6
2
3.3VIN
8, 9
I
3.3-V input for 3.3VOUT
1.5VIN
15, 16
18, 19
12
1.5VIN
24, 25
I
1.5-V input for 1.5VOUT
AUXIN
18
21
17
AUXIN
15
I
AUX input for AUXOUT and chip power
GND
10
11
7
GND
21
Ground
Switched output that delivers 0 V, 3.3 V or high impedance to
3.3VOUT
6, 7
7, 8
3
3.3VOUT1
7
O
card
Switched output that delivers 0 V, 1.5 V or high impedance to
1.5VOUT
13, 14
16, 17
11
1.5VOUT1
26
O
card
Switched output that delivers 0 V, AUX or high impedance to
AUXOUT
17
20
15
AUXOUT1
14
O
card
Switched output that delivers 0 V, 3.3 V or high impedance to
3.3VOUT2
10
O
card
Switched output that delivers 0 V, 1.5 V or high impedance to
1.5VOUT2
23
O
card
Switched output that delivers 0 V, AUX or high impedance to
AUXOUT2
16
O
card
System Reset input – active low, logic level signal. Internally
SYSRST
1
2
6
SYSRST
30
I
pulled up to AUXIN.
Card Present input for PCI Express cards. Internally pulled up to
CPPE
12
15
10
CPPE1
1
I
AUXIN
CPUSB
11
14
9
CPUSB1
3
I
Card Present input for USB cards. Internally pulled up to AUXIN.
Card Present input for PCI Express cards. Internally pulled up to
CPPE2
2
I
AUXIN.
CPUSB2
6
I
Card Present input for USB cards. Internally pulled up to AUXIN.
PERST
8
9
8
PERST1
13
O
A logic level power good to slot 0 (with delay)
PERST2
11
O
A logic level power good to slot 1 (with delay)
Shutdown input – active low, logic level signal. Internally pulled
SHDN
2
3
20
SHDN1
17
I
up to AUXIN.
Shutdown input – active low, logic level signal. Internally pulled
SHDN2
18
I
up to AUXIN.
Standby input – active low, logic level signal. Internally pulled up
STBY
3
4
1
STBY1
28
I
to AUXIN.
Standby input – active low, logic level signal. Internally pulled up
STBY2
27
I
to AUXIN.
Reference Clock Enable signal. As an output, a logic level power
good to host for slot 0 (no delay – open drain). As an input, if
RCLKEN
19
22
18
RCLKEN1
32
I/O
kept inactive (low) by the host, prevents PERST from being
de-asserted. Internally pulled up to AUXIN.
Reference Clock Enable signal. As an output, a logic level power
good to host for slot 1 (no delay – open drain). As an input, if
RCLKEN2
31
I/O
kept inactive (low) by the host, prevents PERST from being
de-asserted. Internally pulled up to AUXIN.
OC
20
23
19
OC1
19
O
Overcurrent status output for slot 0 (open drain)
OC2
20
O
Overcurrent status output for slot 1 (open drain)
1, 10,
4, 5,
4, 5,
NC
9
12, 13,
13, 14,
NC
12, 22,
No connection
24
16
29
8
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2231 TPS2236


Similar Part No. - TPS2231PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2231PWPR TI-TPS2231PWPR Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231PWPR TI-TPS2231PWPR Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
TPS2231PWPRG4 TI-TPS2231PWPRG4 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231PWPRG4 TI-TPS2231PWPRG4 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
More results

Similar Description - TPS2231PWPR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com