Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2236DAPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2236DAPR
Description  ExpressCard POWER INTERFACE SWITCH
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2236DAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2236DAPR Datasheet HTML 2Page - Texas Instruments TPS2236DAPR Datasheet HTML 3Page - Texas Instruments TPS2236DAPR Datasheet HTML 4Page - Texas Instruments TPS2236DAPR Datasheet HTML 5Page - Texas Instruments TPS2236DAPR Datasheet HTML 6Page - Texas Instruments TPS2236DAPR Datasheet HTML 7Page - Texas Instruments TPS2236DAPR Datasheet HTML 8Page - Texas Instruments TPS2236DAPR Datasheet HTML 9Page - Texas Instruments TPS2236DAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPS2231
TPS2236
SLVS536J – JULY 2004 – REVISED SEPTEMBER 2009.................................................................................................................................................. www.ti.com
SWITCHING CHARACTERISTICS
TJ = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
VI(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 μF, IO(3.3VOUT) = 0 A
0.1
3
AUXIN to AUXOUT
CL(AUXOUT) = 0.1 μF, IO(AUXOUT) = 0 A
0.1
3
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 μF, IO(1.5VOUT) = 0 A
0.1
3
tr
Output rise times
ms
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 μF, RL = VI(3.3VIN)/1 A
0.1
6
AUXIN to AUXOUT
CL(AUXOUT) = 100 μF, RL = VI(AUXIN)/0.250 A
0.1
6
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 μF, RL = VI(1.5VIN)/0.500 A
0.1
6
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 μF, IO(3.3VOUT) = 0 A
10
150
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 μF, IO(AUXOUT) = 0 A
10
150
μs
Output fall times
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 μF, IO(1.5VOUT) = 0 A
10
150
when card removed
tf
(both CPUSB and
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 20 μF, IO(3.3VOUT) = 0 A
2
30
CPPE de-asserted)
AUXIN to VAUXOUT
CL(AUXOUT) = 20 μF, IO(AUXOUT) = 0 A
2
30
ms
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 20 μF, IO(1.5VOUT) = 0 A
2
30
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 μF, IO(3.3VOUT) = 0 A
10
150
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 μF, IO(AUXOUT) = 0 A
10
150
μs
Output fall times
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 μF, IO(1.5VOUT) = 0 A
10
150
when SHDN
tf
asserted (card is
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 μF, RL = VI(3.3VIN)/1 A
0.1
5
present)
AUXIN to VAUXOUT
CL(AUXOUT) = 100 μF RL = VI(AUXIN)/0.250 A
0.1
5
ms
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 μF, RL = VI(1.5VIN)/0.500 A
0.1
5
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 μF, IO(3.3VOUT) = 0 A
0.1
1
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 μF, IO(AUXOUT) = 0A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 μF, IO(1.5VOUT) = 0 A
0.1
1
Turn-on propagation
tpd(on)
ms
delay
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 μF, RL = VI(3.3VIN)/1 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 100 μF, RL = VI(AUXIN)/0.250 A
0.05
1
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 μF, RL = VI(1.5VIN)/0.500 A
0.1
1.5
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 μF, IO(3.3VOUT) = 0 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 μF, IO(AUXOUT) = 0 A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 μF, IO(1.5VOUT) = 0 A
0.1
1.5
Turn-off propagation
tpd(off)
ms
delay
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 μF, RL = VI(3.3VIN)/1 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 100 μF, RL = VI(AUXIN)/0.250 A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 μF, RL = VI(1.5VIN)/0.500 A
0.1
1
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2231 TPS2236


Similar Part No. - TPS2236DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2236DAPR TI-TPS2236DAPR Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2236DAPRG4 TI-TPS2236DAPRG4 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results

Similar Description - TPS2236DAPR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com