Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX3245QSC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LVX3245QSC
Description  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245QSC Datasheet(HTML) 8 Page - Fairchild Semiconductor

  74LVX3245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D ATE 10/97.
MTC 24REV4
1
12
B
24
13
A
DETAIL
12° TOP & BO TTO M
0.75
0.45
0°-
1
12
13
24
R0.09M IN
(1.00)
0.65 TYP
0.20 CB A
0.10
C B Z
0.10 C
7.8±0.1
0.20 TYP
A
0.65
www.fairchildsemi.com
8
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may
change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fair-
child Semiconductor representative to verify or obtain the most recent revision. Package specifications do not
expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - 74LVX3245QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245QSC ONSEMI-74LVX3245QSC Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
74LVX3245QSCX ONSEMI-74LVX3245QSCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVX3245QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com