Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP13N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP13N50
Description  N-Channel QFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP13N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP13N50 Datasheet HTML 1Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 2Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 3Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 4Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 5Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 6Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 7Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 8Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP13N50
FQPF13N50
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
12.5
12.5 *
A
- Continuous (TC = 100°C)
7.9
7.9 *
A
IDM
Drain Current
- Pulsed
(Note 1)
50
50 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
810
mJ
IAR
Avalanche Current
(Note 1)
12.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
17
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
170
56
W
- Derate above 25°C
1.35
0.45
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP13N50
FQPF13N50
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.74
2.23
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
March 2013
FQP13N50 / FQPF13N50
N-Channel QFET MOSFET
500 V, 12.5 A, 430 mΩ
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
Features
• 12.5 A, 500 V, RDS(on) = 430 mΩ (Max) @VGS = 10 V,
ID = 6.25 A
• Low Gate Charge (Typ. 45 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested
www.fairchildsemi.com
©20
00 Fairchild Semiconductor Corporation
FQP13N50 / FQPF13N50 Rev. C0


Similar Part No. - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP13N50 FAIRCHILD-FQP13N50 Datasheet
883Kb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP13N50 ISC-FQP13N50 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com