Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF13N50 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF13N50
Description  N-Channel QFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N50 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF13N50 Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 8Page - Fairchild Semiconductor FQPF13N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
100 ms
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
3
6
9
12
15
T
C, Case Temperature [
℃]
Figure 10. Maximum Drain Current
vs. Case Temperature
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS
= 10 V
2. I
D = 6.7 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS
=0V
2. I
D
=250μ A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9-1. Maximum Safe Operating Area
for FQP13N50
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 9-2. Maximum Safe Operating Area
for FQPF13N50
www.fairchildsemi.com
©20
00 Fairchild Semiconductor Corporation
FQP13N50 / FQPF13N50 Rev. C0


Similar Part No. - FQPF13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF13N50 FAIRCHILD-FQPF13N50 Datasheet
883Kb / 10P
   500V N-Channel MOSFET
FQPF13N50 FAIRCHILD-FQPF13N50 Datasheet
1Mb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF13N50 ISC-FQPF13N50 Datasheet
306Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - FQPF13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com