Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6426 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SI6426
Description  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6426 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SI6426 Datasheet HTML 1Page - Fairchild Semiconductor SI6426 Datasheet HTML 2Page - Fairchild Semiconductor SI6426 Datasheet HTML 3Page - Fairchild Semiconductor SI6426 Datasheet HTML 4Page - Fairchild Semiconductor SI6426 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6426DQ Rev B(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V,
VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ=55
°C
5
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.6
0.9
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 5.4 A
VGS = 2.5 V,
ID = 4.9 A
23
33
35
40
m
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
20
A
VGS = 2.5 V,
VDS = 5 V
8
gFS
Forward Transconductance
VDS = 10 V,
ID = 5.4 A
11
S
Dynamic Characteristics
Ciss
Input Capacitance
710
pF
Coss
Output Capacitance
173
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
84
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
7
14
ns
tr
Turn–On Rise Time
17
31
ns
td(off)
Turn–Off Delay Time
16
29
ns
tf
Turn–Off Fall Time
VDD = 6 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
3
6
ns
trr
Reverse Recovery Time
VGS = 0 V,
IF = 1.5 A,
dIF/dt = 100A/
µs
14
100
ns
Qg
Total Gate Charge
7
10
nC
Qgs
Gate–Source Charge
1.5
nC
Qgd
Gate–Drain Charge
VDS = 6 V,
ID = 5.4 A,
VGS = 4.5 V
1.2
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.25
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.25 A (Note 2)
0.7
1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
87°C/W when
mounted on a 1in
2 pad
of 2 oz copper.
b)
114°C/W when mounted
on a minimum pad of 2 oz
copper.
c)
Scale 1 : 1 on letter size
paper
2.Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - SI6426

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6421DQ VISHAY-SI6421DQ Datasheet
48Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 03-Mar-03
SI6423ADQ VISHAY-SI6423ADQ Datasheet
215Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI6423ADQ-T1-GE3 VISHAY-SI6423ADQ-T1-GE3 Datasheet
215Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SI6423DQ VISHAY-SI6423DQ Datasheet
198Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 12-Dec-05
More results

Similar Description - SI6426

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com