Electronic Components Datasheet Search |
|
TLE2022IPE4 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TLE2022IPE4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 77 page TLE2021 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2021C TLE2021AC TLE2021BC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 120 500 80 200 40 100 V VIO Input offset voltage Full range 750 500 200 μV αVIO Temperature coefficient of input offset voltage Full range 2 2 2 μV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.006 0.006 0.006 μV/mo I Input offset current 25°C 0.2 6 0.2 6 0.2 6 nA IIO Input offset current Full range 10 10 10 nA I Input bias current 25°C 25 70 25 70 25 70 nA IIB Input bias current Full range 90 90 90 nA V Common mode input voltage range R 50 Ω 25°C −15 to 13.5 −15.3 to 14 −15 to 13.5 −15.3 to 14 −15 to 13.5 −15.3 to 14 V VICR Common-mode input voltage range RS = 50 Ω Full range −15 to 13.5 −15 to 13.5 −15 to 13.5 V V Maximum positive peak 25°C 14 14.3 14 14.3 14 14.3 V VOM+ Maximum positive peak output voltage swing R 10 kΩ Full range 13.9 13.9 13.9 V V Maximum negative peak RL = 10 kΩ 25°C −13.7 −14.1 −13.7 −14.1 −13.7 −14.1 V VOM − Maximum negative peak output voltage swing Full range −13.7 −13.7 −13.7 V A Large-signal differential VO = ± 10 V, 25°C 1 6.5 1 6.5 1 6.5 V/ V AVD Large signal differential voltage amplification VO = ± 10 V, RL = 10 kΩ Full range 1 1 1 V/μV CMRR Common mode rejection ratio VIC = VICR min, 25°C 100 115 100 115 100 115 dB CMRR Common-mode rejection ratio VIC = VICR min, RS = 50 Ω Full range 96 96 96 dB k Supply-voltage rejection ratio VCC ± = ± 2.5 V 25°C 105 120 105 120 105 120 dB kSVR Supply voltage rejection ratio (ΔVCC/ΔVIO) VCC ± = ± 2.5 V to ± 15 V Full range 100 100 100 dB I Supply current 25°C 240 350 240 350 240 350 A ICC Supply current VO = 0 No load Full range 350 350 350 μA ΔICC Supply-current change over operating temperature range VO = 0, No load Full range 6 6 6 μA † Full range is 0°C to 70°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Similar Part No. - TLE2022IPE4 |
|
Similar Description - TLE2022IPE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |