Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA01S1209A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # SA01S1209A
Description  1W DC/DC CONVERTER, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SA01S1209A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  SA01S1209A Datasheet HTML 1Page - Delta Electronics, Inc. SA01S1209A Datasheet HTML 2Page - Delta Electronics, Inc. SA01S1209A Datasheet HTML 3Page - Delta Electronics, Inc. SA01S1209A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_SA01S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
60
120
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
150
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Temperature Coefficient
---
±0.01
±0.02
%/
Short Circuit Protection
0.5 Second Max.
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1000
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
40
100
pF
Switching Frequency
50
100
140
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,000,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 3
Recommended Input Fuse
5V Input Models
12V Input Models
24V Input Models
500mA Slow-Blow Type
200mA Slow-Blow Type
100mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
(5V & 12Vin)
(24Vin)
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage these modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Specifications subject to change without notice.
P2


Similar Part No. - SA01S1209A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01S1224A DELTA-SA01S1224A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
More results

Similar Description - SA01S1209A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com