Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBS25D99 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBS25D99
Description  Manual Motor Starter MU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBS25D99 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBS25D99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBS25D99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBS25D99 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.imopc.com
Trips out the unit as voltage is applied.
Mounting inside the unit.
Voltage
Product
24 AC
MU25A A24
110 AC
MU25A A110
220-240 AC
MU25A A240
380-415 AC
MU25A A400
For fitting to the side of the unit
max 1 block each side.
Contacts
Product
1 Make + 1 Break
MU25A PE11
(internal mount)
1 Break
MU25A PS01
1 Make + 1 Break
MU25A PS11
2 Makes
MU25A PS20
2 Early Makes
MU25A PV20
Manual Motor Starter MU
❚ Overload protection
❚ Short circuit protection
❚ Phase differential detection
❚ DIN rail mounting
❚ Test facility
❚ Ambient temperature compensation
❚ Fingertouch protection
❚ Lockable off position
❚ Designed to EN60947-4-1 and EN60947-2
❚ Bus-bar system
❚ Enclosures
MU/03/03
Current Range
Magnetic Short
Product
Amps
Circuit Trip-Amps
0.10 - 0.16
1.92
MU25A 0.16
0.16 - 0.25
3.0
MU25A 0.25
0.25 - 0.40
4.8
MU25A 0.40
0.40 - 0.63
7.6
MU25A 0.63
0.63 - 1.00
12.0
MU25A 1.00
1.00 - 1.60
19.2
MU25A 1.60
1.60 - 2.50
30
MU25A 2.50
2.50 - 4.00
48
MU25A 4.00
4.00 - 6.30
75.6
MU25A 6.30
6.30 - 10
120
MU25A 10
10 - 16
192
MU25A 16
16 - 20
240
MU25A 20
20 - 25
300
MU25A 25
Options and ordering codes
Accessories
Auxiliary Contacts
Shunt Trip
Specification
Rated insulation voltage UI
690V AC
Rated current Ith open, at 50˚C
25 amps
Mechanical life
100,000 ops
Electrical life – AC3 duty
100,000 ops
Switching frequency
30 ops per hour
Operate time – approximately
7 mS
Total power loss (warm condition)
6-8 W
Temperature compensation open
–20 to +55˚C
Rating auxiliary switch – AC15
400V 2A
Mounting position
Any
Power consumption – undervoltage trip
2.7VA 1.8W
– shunt trip
2.7VA 1.8W
Terminal wiring cross section 1 or 2 wires
main
0.75 – 4mm2
aux
0.75 – 2.5mm2
Weight
0.25 Kg


Similar Part No. - MBS25D99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2 Datasheet
55Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2 Datasheet
167Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2 Datasheet
150Kb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2 Datasheet
198Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS25D99

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
logo
Thinking Electronic Ind...
PSA3R3MA2A604 THINKING-PSA3R3MA2A604 Datasheet
479Kb / 9P
   Motor Starter
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
List of Unclassifed Man...
IT900 ETC-IT900 Datasheet
970Kb / 18P
   STK4 (Starter Kit) User Manual
February 2011
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
logo
List of Unclassifed Man...
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com