Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK03S0524A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # SK03S0524A
Description  2W DC/DC CONVERTER, SMD-Package, High isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SK03S0524A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  SK03S0524A Datasheet HTML 1Page - Delta Electronics, Inc. SK03S0524A Datasheet HTML 2Page - Delta Electronics, Inc. SK03S0524A Datasheet HTML 3Page - Delta Electronics, Inc. SK03S0524A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_SG02S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±2.0
±4.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
Vin=Min. to Max.
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
100
150
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
200
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Temperature Coefficient
---
±0.01
±0.02
%/
Short Circuit Protection
0.5 Second Max.
Isolation, Safety Approvals
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
4000
---
---
VACrms
I/O Isolation Test Voltage
Flash tested for 1 Second
6000
---
---
VPK
Leakage Current
240VAC, 60Hz
---
---
2
uA
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
15
20
pF
cUL/UL60950-1, CSA C22.2 No. 60950-1-03
UL60601-1,CSA C22.2 No.601-1
Safety Standards
IEC/EN 60950-1, IEC/EN 60601-1
IEC60950-1 CB report, cUL/UL 60950-1 certificate
Safety Approvals
UL60601-1 UL certificate
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
50
80
100
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,000,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Recommended Input Fuse
5V Input Models
12V Input Models
24V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
200mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-25
+80
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
~
]
Ambient Temperature
0
20
40
60
80
100
-25
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection


Similar Part No. - SK03S0524A

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SK035K TECCOR-SK035K Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
SK035K LITTELFUSE-SK035K Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK035K LITTELFUSE-SK035K Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
More results

Similar Description - SK03S0524A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com