Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6923DQ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SI6923DQ
Description  P-Channel 2.5V Specified PowerTrench MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6923DQ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SI6923DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6923DQ Rev. A (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to25°C
–16
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = –12 V,
VDS = 0 V
–100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = 12 V,
VDS = 0 V
100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.6
–1.0
–1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –3.5 A
VGS = –2.5 V,
ID = –2.7 A
VGS=–4.5 V, ID =–3.5A, TJ=125
°C
36
56
49
45
75
72
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–15
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –3.5A
13.2
S
Dynamic Characteristics
Ciss
Input Capacitance
1015
pF
Coss
Output Capacitance
446
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
118
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
18
32
ns
td(off)
Turn–Off Delay Time
34
55
ns
tf
Turn–Off Fall Time
VDD = –5 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
34
55
ns
Qg
Total Gate Charge
9.7
16
nC
Qgs
Gate–Source Charge
2.2
nC
Qgd
Gate–Drain Charge
VDS = –5V,
ID = –3.5 A,
VGS = –4.5 V
2.4
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.25
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.25 A (Note 2)
–0.6
–1.2
V
IGSSR
Gate–Body Leakage, Reverse
VGS = 12 V,
VDS = 0 V
100
nA
Schottky Diode Characteristics
TJ=25
°C
0.6
50
µA
IR
Reverse Leakage
VR = 20V
TJ=125
°C
1
8
mA
TJ=25
°C
0.48
0.55
V
VF
Forward Voltage
IF = 1A
TJ=125
°C
0.42
0.50
V
CT
Junction Capacitance
VR = 10V
50
pF
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
RθJA is 115 °C/W for the MOSFET and 130°C/W for the Schottky Diode when mounted on a minimum pad.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - SI6923DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
SI6924AEDQ-T1 VISHAY-SI6924AEDQ-T1 Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ-T1-GE3 VISHAY-SI6924AEDQ-T1-GE3 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
More results

Similar Description - SI6923DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW6923 FAIRCHILD-FDW6923_08 Datasheet
267Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET with Schottky Diode
FDW6923 FAIRCHILD-FDW6923 Datasheet
120Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET with Schottky Diode
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com