Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMBT060 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # KMBT060
Description  Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMBT060 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button KMBT060 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. KMBT060 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
+8
+6
+4
+2
20
0
–10
–25
45
65
85
–2
–4
–6
–8
–10
–12
0
Z060 (NP0±300 ppm/°C)
Temp.(°C)
c Temperature Characteristics
TZS2Z060
+8
+6
+4
+2
20
0
–10
–25
45
65
85
–2
–4
–6
–8
–10
–12
0
Z100 (NP0±300 ppm/°C)
Temp.(°C)
TZS2Z100
+8
+6
+4
+2
20
0
–10
–25
45
65
85
–2
–4
–6
–8
–10
–12
0
R200 (N750±500 ppm/°C)
Temp.(°C)
TZS2R200
Z060
Q
1000
100
500
1000
1500
2000
10
1
1000
100
10
Frequency (MHz)
c Frequency Characteristics
TZS2Z060
Z100
Q
1000
100
200
600
400
800
1000
10
1
1000
100
10
Frequency (MHz)
TZS2Z100
Continued on the following page.
T13E.pdf
Aug.10,2012
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Similar Part No. - KMBT060

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMBT2222A KEXIN-KMBT2222A Datasheet
237Kb / 3P
   NPN Switching Transistor
KMBT2222A KEXIN-KMBT2222A Datasheet
838Kb / 2P
   NPN T r ansistors
KMBT2222AT KEXIN-KMBT2222AT Datasheet
887Kb / 2P
   NPN Transistors
KMBT2907 KEXIN-KMBT2907 Datasheet
119Kb / 3P
   PNP General Purpose Amplifier
KMBT2907A KEXIN-KMBT2907A Datasheet
838Kb / 2P
   PNP T ransistors
More results

Similar Description - KMBT060

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com