Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC7540DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC7540DB
Description  Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC7540DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC7540DB Datasheet HTML 1Page - NXP Semiconductors 74HC7540DB Datasheet HTML 2Page - NXP Semiconductors 74HC7540DB Datasheet HTML 3Page - NXP Semiconductors 74HC7540DB Datasheet HTML 4Page - NXP Semiconductors 74HC7540DB Datasheet HTML 5Page - NXP Semiconductors 74HC7540DB Datasheet HTML 6Page - NXP Semiconductors 74HC7540DB Datasheet HTML 7Page - NXP Semiconductors 74HC7540DB Datasheet HTML 8Page - NXP Semiconductors 74HC7540DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74HC_HCT7540
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 31 December 2012
5 of 16
NXP Semiconductors
74HC7540; 74HCT7540
Octal Schmitt trigger buffer/line driver; 3-state; inverting
10. Dynamic characteristics
VOL
LOW-level
output voltage
VI = VT+ or VT; VCC = 4.5 V
IO = 20 A;
-
0
0.1
-
0.1
-
0.1
V
IO = 6.0 mA;
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC =5.5 V
-
-
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
per input pin; VI =VT+ or VT;
VO =VCC or GND;
other inputs at VCC or GND;
VCC =5.5 V; IO =0A
--
0.5
-
5.0
-
10
A
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC =5.5 V
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
per input pin; IO =0A;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
An input
-
20
72
-
90
-
98
A
OEn input
-
130
468
-
585
-
637
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Max (85
C) Max (125 C)
74HC7540
tpd
propagation delay
An to Yn; see Figure 5
[1]
VCC = 2.0 V
-
39
120
150
180
ns
VCC = 4.5 V
-
14
24
30
36
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
VCC = 6.0 V
-
11
20
26
31
ns
ten
enable time
OEnto Yn; see Figure 6
[1]
VCC = 2.0 V
-
41
150
190
225
ns
VCC = 4.5 V
-
15
30
38
45
ns
VCC = 6.0 V
-
12
26
33
38
ns
tdis
disable time
OEnto Yn; see Figure 6
[1]
VCC = 2.0 V
-
52
150
190
225
ns
VCC = 4.5 V
-
19
30
38
45
ns
VCC = 6.0 V
-
15
26
33
38
ns


Similar Part No. - 74HC7540DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC7540DB NEXPERIA-74HC7540DB Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
More results

Similar Description - 74HC7540DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G14GW-125 PHILIPS-74HCT1G14GW-125 Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
logo
NXP Semiconductors
74HC244D-652 PHILIPS-74HC244D-652 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HC7541D NXP-74HC7541D Datasheet
554Kb / 17P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HCT7541 NEXPERIA-74HCT7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
   OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com