Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD01D1212A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PD01D1212A
Description  1W DC/DC CONVERTER, SIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PD01D1212A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PD01D1212A Datasheet HTML 1Page - Delta Electronics, Inc. PD01D1212A Datasheet HTML 2Page - Delta Electronics, Inc. PD01D1212A Datasheet HTML 3Page - Delta Electronics, Inc. PD01D1212A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PD01S/D series
1W DC/DC CONVERTER, SIP-Package, High Isolation
DS_PD01S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
SIP Package with Industry Standard Pinout
Package Dimension:
5V&12V Models:
19.5 x 10.2 x 6.1 mm (0.77”x 0.4”x 0.24”)
15V&24V Models:
19.5 x 10.2 x 7.1 mm (0.77”x 0.4”x 0.28”)
High Isolation Voltage 3000 VDC
Operating Temperature Range -40°C to +85°C
Single and Dual Outputs
>2 MHours MTBF
3 Years Product Warranty
The PD01S/D series are miniature, SIP Package, isolated 1W DC/DC converters with 3,000VDC isolation. It offers short circuit protection and
allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
VDC
PD01S0503A
3.3
260
5
235
10
73
PD01S0505A
5
200
4
281
10
71
PD01S0509A
9
110
2
260
8
76
PD01S0512A
12
84
1.5
258
7
78
PD01S0515A
15
67
1
258
7
220
78
PD01D0505A
±5
±100
±2
278
10
72
PD01D0509A
±9
±56
±1
262
8
77
PD01D0512A
±12
±42
±0.8
258
7
78
PD01D0515A
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
100*
79
PD01S1203A
3.3
260
5
96
8
74
PD01S1205A
5
200
4
114
8
73
PD01S1209A
9
110
2
106
5
78
PD01S1212A
12
84
1.5
105
5
80
PD01S1215A
15
67
1
104
5
220
80
PD01D1205A
±5
±100
±2
113
8
74
PD01D1209A
±9
±56
±1
106
5
79
PD01D1212A
±12
±42
±0.8
104
5
81
PD01D1215A
12
(10.8 ~ 13.2)
±15
±34
±0.7
105
12
5
100*
81
PD01S2403A
3.3
260
5
49
8
73
PD01S2405A
5
200
4
59
8
71
PD01S2409A
9
110
2
54
5
76
PD01S2412A
12
84
1.5
54
5
78
PD01S2415A
15
67
1
53
5
220
79
PD01D2405A
±5
±100
±2
58
8
72
PD01D2409A
±9
±56
±1
55
5
76
PD01D2412A
±12
±42
±0.8
53
5
79
PD01D2415A
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
100*
80
* For each output


Similar Part No. - PD01D1212A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PD0102-S2 APITECH-PD0102-S2 Datasheet
164Kb / 1P
   POWER DIVIDER
logo
Vishay Siliconix
PD010D02510S51 VISHAY-PD010D02510S51 Datasheet
51Kb / 2P
   Plasma Display 10 Characters, 7 Segments, Annunciators
Revision: 01-Mar-12
logo
Pulse A Technitrol Comp...
PD0120.102NL PULSE-PD0120.102NL Datasheet
192Kb / 2P
   Wirewound
PD0120.102NL PULSE-PD0120.102NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
PD0120.113NL PULSE-PD0120.113NL Datasheet
192Kb / 2P
   Wirewound
More results

Similar Description - PD01D1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com