Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6349 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6349
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6349 Datasheet HTML 1Page - Maxim Integrated Products MAX6349 Datasheet HTML 2Page - Maxim Integrated Products MAX6349 Datasheet HTML 3Page - Maxim Integrated Products MAX6349 Datasheet HTML 4Page - Maxim Integrated Products MAX6349 Datasheet HTML 5Page - Maxim Integrated Products MAX6349 Datasheet HTML 6Page - Maxim Integrated Products MAX6349 Datasheet HTML 7Page - Maxim Integrated Products MAX6349 Datasheet HTML 8Page - Maxim Integrated Products MAX6349 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6329/MAX6349 are low-dropout, micropower
linear voltage regulators with integrated microproces-
sor reset circuits. Each is available with preset +3.3V,
+2.5V, +1.8V, or adjustable output voltages and can
deliver up to 150mA load current. Employing internal P-
channel MOSFET pass transistors, the devices con-
sume only 25µA supply current, independent of the
device load. The low supply current, low dropout volt-
age, and integrated reset functionality make these
devices ideal for battery powered portable equipment.
The MAX6329/MAX6349 include an internal reset circuit
that indicates when the regulator output drops below
standard microprocessor supply tolerances (-5% or
-10%). The reset output remains asserted for 100ms
(min) after the regulator output exceeds the selected
reset threshold, ensuring that supply voltages and clock
oscillators have stabilized before processor activity is
enabled. Reset outputs are available in push-pull (active-
low or -high) and open-drain (active-low) options. The
internal reset circuit replaces external microprocessor
supervisors or RC-based reset time delays.
The MAX6329/MAX6349 are optimized for use with a
1µF (min) output capacitor. The regulator output volt-
age is adjustable with an external resistor-divider net-
work at SET (reset threshold voltages track the desired
output voltage). Each device includes thermal shut-
down protection, output short-circuit protection, and
reverse leakage protection. The MAX6329 includes a
shutdown feature to reduce regulator current below
1µA (max) and the MAX6349 offers a manual reset
input to assert a microprocessor reset while the regula-
tor output is within specification.
________________________Applications
Hand-Held Instruments
Electronic Planners
Palm Top Computers
PCMCIA Cards
USB Devices
Cellular Telephones
Cordless Telephones
Modems
Features
o Preset +3.3V/+2.5V/+1.8V or Adjustable Regulator
Output
o ±3.0% Regulator Accuracy Over the Specifed
Operating Range
o 25µA Supply Current
o Low 180mV Dropout at 100mA Load
o Small Output Capacitor (1µF min ceramic or
tantalum)
o Zero Reverse Leakage Current
o Thermal and Short-Circuit Protection
o Integrated Microprocessor Reset Circuit with
100ms (min) Timeout
o Open-Drain and Push-Pull Reset Outputs
o Regulator Shutdown Input (MAX6329) or Manual
Reset Input (MAX6349)
o 6-Pin SOT23 Package
150mA, SOT23, Low-Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
________________________________________________________________ Maxim Integrated Products
1
GND
RESET/RESET
16
OUT
5
SET
IN
MAX6329/
MAX6349
SOT23-6
TOP VIEW
2
34
(MR) SHDN
( ) ARE FOR MAX6349 ONLY.
Pin Configuration
19-1889; Rev 3; 3/04
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
MAX6329_ _ UT-T
0°C to +85°C
6 SOT23-6
MAX6349_ _ UT-T
0°C to +85°C
6 SOT23-6
These parts offer a choice of regulator/reset voltages and reset
outputs. From the Selector Guide, insert the desired suffix let-
ters into the blanks to complete the part number. Each device
is available in nine standard versions. Sample stock is general-
ly held on standard versions only (see Standard Versions
table). Standard versions have an order increment requirement
of 2500 pieces. Nonstandard versions have an order increment
requirement of 10,000 pieces. Contact factory for availability of
nonstandard versions.
Typical Operating Circuit appears at end of data sheet.
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6349

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349 MAXIM-MAX6349 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6349-T MAXIM-MAX6349-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6349SH MAXIM-MAX6349SH Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6349SL MAXIM-MAX6349SL Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6349SP MAXIM-MAX6349SP Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6349

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com