Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L100 Datasheet(PDF) 5 Page - Littelfuse

Part # 1206L100
Description  1206L Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L100 Datasheet(HTML) 5 Page - Littelfuse

  1206L100 Datasheet HTML 1Page - Littelfuse 1206L100 Datasheet HTML 2Page - Littelfuse 1206L100 Datasheet HTML 3Page - Littelfuse 1206L100 Datasheet HTML 4Page - Littelfuse 1206L100 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1206L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Packaging
I
hold
(A)
I
hold Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.125
012
TapeandReel
3000
WR
0.16
016
TapeandReel
3000
WR
0.20
020
TapeandReel
4000
YR
0.25
025
TapeandReel
4000
YR
0.35
035
TapeandReel
4000
YR
0.50
050
TapeandReel
4000
YR
0.75
075
TapeandReel
3000
WR
1.00
100
TapeandReel
3000
WR
1.10
110
TapeandReel
3000
WR
1.50
150
TapeandReel
2000
PR


Similar Part No. - 1206L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L100 LITTELFUSE-1206L100 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L100 LITTELFUSE-1206L100 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1206L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L050YR LITTELFUSE-1206L050YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1206L Series
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com