Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

578244 Datasheet(PDF) 5 Page - Littelfuse

Part # 578244
Description  2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

578244 Datasheet(HTML) 5 Page - Littelfuse

  578244 Datasheet HTML 1Page - Littelfuse 578244 Datasheet HTML 2Page - Littelfuse 578244 Datasheet HTML 3Page - Littelfuse 578244 Datasheet HTML 4Page - Littelfuse 578244 Datasheet HTML 5Page - Littelfuse 578244 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
55
©2009 Littelfuse, Inc.
Revised: December 2, 2009
POLYFUSE® Resettable PTCs
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
Part Ordering Number System
PACKAGING STYLE
HALOGEN-FREE
L: LITTELFUSE SURFACE MOUNT PPTC
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2920 L xxx /xx D R HF
SERIES
DEVICE SIZE CODE (0.29 x 0.20 inch)
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
SPECIAL VOLTAGE RATING ITEM
(Not applicable to all parts. Refer to Electrical
Characteristics Table for additional information)
Required for some items. See Packaging section.
Packaging
Part Number
Ordering Number
Halogen
Free
I
hold
(A)
I
hold
Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2920L030
2920L030DRHF
Yes
0.30
030
Tape and Reel
1500
DR
2920L030DR
No
2920L050
2920L050DRHF
Yes
0.50
050
Tape and Reel
1500
DR
2920L050DR
No
2920L075
2920L075DRHF
Yes
0.75
075
Tape and Reel
1500
DR
2920L075DR
No
2920L075/60
2920L075/60MRHF
Yes
0.75
075
/60
Tape and Reel
1000
MR
2920L075/60MR
No
2920L100
2920L100PRHF
Yes
1.10
100
Tape and Reel
2000
PR
2920L100PR
No
2920L125
2920L125PRHF
Yes
1.25
125
Tape and Reel
2000
PR
2920L125PR
No
2920L150
2920L150DRHF
Yes
1.50
150
Tape and Reel
1500
DR
2920L150DR
No
2920L185
2920L185DRHF
Yes
1.85
185
Tape and Reel
1500
DR
2920L185DR
No
2920L200
2920L200DRHF
Yes
2.00
200
Tape and Reel
1500
DR
2920L200DR
No
2920L200/24
2920L200/24DRHF
Yes
2.00
200
/24
Tape and Reel
1500
DR
2920L200/24DR
No
2920L250
2920L250DRHF
Yes
2.50
250
Tape and Reel
1500
DR
2920L250DR
No
2920L260
2920L260PRHF
Yes
2.60
260
Tape and Reel
2000
PR
2920L260PR
No
2920L300
2920L300DRHF
Yes
3.00
300
Tape and Reel
1500
DR
2920L300DR
No
2920L300/15
2920L300/15DRHF
Yes
3.00
300
/15
Tape and Reel
1500
DR
2920L300/15DR
No
* Effective September 15, 2009 onward, all 2920L PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 2920L PTC products will continue to be sold until
supplies are depleted. Effective January 1, 2010, all 2920L PTC product will be manufactured and sold as Halogen Free by default, and “HF” part number suffix code will be discontinued.


Similar Part No. - 578244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
logo
Festo Corporation.
578248 FESTO-578248 Datasheet
100Kb / 2P
   Air solenoid valve
More results

Similar Description - 578244

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L185DR LITTELFUSE-2920L185DR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com