Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-3106A-20-21PW Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 97-3106A-20-21PW
Description  Amphenol 97 Series Standard Cylindrical Connector
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3106A-20-21PW Datasheet(HTML) 5 Page - Amphenol Corporation

  97-3106A-20-21PW Datasheet HTML 1Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 2Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 3Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 4Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 5Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 6Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 7Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 8Page - Amphenol Corporation 97-3106A-20-21PW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
3
DESIGN CHARACTERISTICS
Medium to heavy weight cylindrical
Durable, field-proven design
Single key/keyway polarization
Threaded coupling, hard dielectric inserts
Non-rotating contacts
Operating temperatures from –55°C to +125°C
Cost effective
Intermateable and intermountable with existing
97 Series and MIL-5015 connectors
Underwriters Laboratories approved recogni-
tion File E115497
Canadian Standards Association Certification
File LR69183
CUSTOMER OPTIONS
Solid or split shell construction
Six shell styles
128 contact arrangements, from 1 to 52 circuits
Alternate insert positioning
High temperature and potting constructions
Special plating finishes including black and
green zinc alloy
Optional gold plating on MS contacts
Thermocouple arrangements available
Connector components are fabricated from high grade
aluminum alloy, with a conductive cadmium plate finish
and an olive drab chromate after-treatment. Some cable
clamps are a zinc alloy with an olive drab/green chromate
finish. See how to order page 19 for other finish varia-
tions.
Contacts are silver plated with pre-tinned solder cups.
Optional gold over silver plating is also available. Inserts
for solder style contacts are diallyl-phthalate.
Users should be aware that classes “A” and “B” of MIL-
5015 have been cancelled, and these products are no
longer qualified.
Amphenol 97 Series Connectors
with solder contacts
®
MS3100A
MS3101A
MS3102A
MS3106A
MS3106B
MS3107A
MS3107B
MS3108A
MS3108B


Similar Part No. - 97-3106A-20-21PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3106A-20-27P ETC1-97-3106A-20-27P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3106A-20-27S ETC1-97-3106A-20-27S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3106A-20-29P ETC1-97-3106A-20-29P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3106A-20-29S ETC1-97-3106A-20-29S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3106A-20-21PW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
   Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-69518-11S AMPHENOL-10-69518-11S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com