Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ03D0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DZ03D0303A
Description  1W DC/DC CONVERTER, SIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ03D0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DZ03D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DZ03D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DZ03D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DZ03D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_PD01S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
(3.3V, 5V & ±5V}
(all other output)
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will
not damage these modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
5V&12V Input :
T: 6.1mm(0.24 inch)
15V&24V Input:
T: 7.1mm(0.28 inch)
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Outline
Case Size (5V&12V Input)
:
19.5x6.1x10.2mm (0.77x0.24x0.40 Inches)
Case Size(15V&24V Input)
:
19.5x7.1x10.2mm (0.77x0.28x0.40 Inches)
Case Material
Non-Conductive Black Plastic (flammability to UL 94V-0
rated)
:
Weight (5V&12V Input)
:
2.2g
Weight (15V&24V Input)
:
2.6g
P3
19.5 [0.77]
0.50
[0.02]
Bottom View
18.5 [0.73]
2.54
[0.10]
7.62
[0.30]
2X2.54
[2X0.10]
2.35
[0.09]
0.5
[0.02]
12
7
56


Similar Part No. - DZ03D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DZ03D0303A DELTA-DZ03D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ03D0303A DELTA-DZ03D0303A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DZ03D0303A DELTA-DZ03D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ03D0303A DELTA-DZ03D0303A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ03D0303A DELTA-DZ03D0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DZ03D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com