Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6349TH Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6349TH
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349TH Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6349TH Datasheet HTML 3Page - Maxim Integrated Products MAX6349TH Datasheet HTML 4Page - Maxim Integrated Products MAX6349TH Datasheet HTML 5Page - Maxim Integrated Products MAX6349TH Datasheet HTML 6Page - Maxim Integrated Products MAX6349TH Datasheet HTML 7Page - Maxim Integrated Products MAX6349TH Datasheet HTML 8Page - Maxim Integrated Products MAX6349TH Datasheet HTML 9Page - Maxim Integrated Products MAX6349TH Datasheet HTML 10Page - Maxim Integrated Products MAX6349TH Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
10
______________________________________________________________________________________
REGULATOR
OUTPUT VOLTAGE
VOUT RESET
TOLERANCE
RESET OUTPUT
PACKAGE
INFORMATION
SHDN
MR
3.3V
2.5V
1.8V
-5% VTH
T/Z/W
-10% VTH
S/Y/V
OPEN-
DRAIN
(P)
RESET
PUSH-
PULL (L)
RESET
PUSH-PULL
(H)
TOP
MARK
MAX6329TP
**
*
*
AAIP
MAX6329TL
**
*
*
AAIO
MAX6329TH
**
*
*
AAIN
MAX6329SP
**
*
*
AAIM
MAX6329SL
**
*
*
AAIL
MAX6329SH
**
*
*
AAIK
MAX6329ZP
**
*
*
AAJB
MAX6329ZL
**
*
*
AAJA
MAX6329ZH
**
*
*
AAIZ
MAX6329YP
**
*
*
AAIY
MAX6329YL
**
*
*
AAIX
MAX6329YH
**
*
*
AAIW
MAX6329WP
**
*
*
AAIV
MAX6329WL
**
*
*
AAIU
MAX6329WH
**
*
*
AAIT
MAX6329VP
**
*
*
AAIS
MAX6329VL
**
*
*
AAIR
MAX6329VH
**
*
*
AAIQ
MAX6349TP
**
*
*
AAJH
MAX6349TL
**
*
*
AAJQ
MAX6349TH
**
*
*
AAJF
MAX6349SP
**
*
*
AAJE
MAX6349SL
**
*
*
AAJD
MAX6349SH
**
*
*
AAJC
MAX6349ZP
**
*
*
AAJT
MAX6349ZL
**
*
*
AAJS
MAX6349ZH
**
*
*
AAJR
MAX6349YP
**
*
*
AAJG
MAX6349YL
**
*
*
AAJP
MAX6349YH
**
*
*
AAJO
MAX6349WP
**
*
*
AAJN
MAX6349WL
**
*
*
AAJM
MAX6349WH
**
*
*
AAJL
MAX6349VP
**
*
*
AAJK
MAX6349VL
**
*
*
AAJJ
MAX6349VH
**
*
*
AAJI
Selector Guide
Bold items indicate standard versions. Samples are generally available on standard versions only. Contact factory for availability of
nonstandard versions.


Similar Part No. - MAX6349TH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349TH MAXIM-MAX6349TH Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6349TH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com