Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6349ZP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6349ZP
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349ZP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6349ZP Datasheet HTML 1Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 2Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 3Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 4Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 5Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 6Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 7Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 8Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
_______________________________________________________________________________________
3
Note 1: Limits over temperature are guaranteed by design and not production tested.
Note 2: Specification from 0°C to less than 25°C is guaranteed to four sigma only.
Note 3: Dropout voltage is defined as VIN - VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 1V.
Note 4: VADJ = VSET(1 + R1/R2), where VSET = 1.23V nominal.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET CIRCUIT
MAX63_9T SET = GND
2.92
3.185
MAX63_9S SET = GND
2.75
3.02
MAX63_9Z SET = GND
2.21
2.41
MAX63_9Y SET = GND
2.08
2.28
MAX63_9W SET = GND
1.59
1.74
MAX63_9V SET = GND
1.50
1.65
MAX63_9T/Z/W SET = divider, Figure 1 (Note 4)
0.885
VADJ 0.965 VADJ
Reset Threshold (Note 2)
VTH
MAX63_9S/Y/V SET = divider, Figure 1 (Note 4)
0.835
VADJ 0.915 VADJ
V
Reset Timeout Period
tRP
100
200
300
ms
VOUT to Reset Delay
tRD
35
µs
VIL
0.2
VOUT
MR Input Voltage
VIH
MAX6349 only
0.8
VOUT
V
MR Minimum Input Pulse
MAX6349 only
1
µs
MR Glitch Rejection
MAX6349 only
120
ns
MR to Reset Delay
MAX6349 only
500
ns
MR Pullup Resistance
MAX6349 only
10
20
50
k
VOUT > 1.0V, ISINK = 50µA
0.3
Open-Drain RESET Output
Voltage
VOL
VOUT > 2.7V, ISINK = 3.2mA
0.4
V
Open-Drain Reset Output
Leakage Current
ILKG
1.0
µA
VOUT
≥ 1.0V, ISINK = 50µA
0.3
VOL
VOUT < VTH (min), ISINK = 3.2mA
0.4
Push-Pull RESET Output Voltage
VOH
VOUT > VTH (max), ISOURCE = 500µA
0.8
VOUT
V
VOL
VOUT > VTH (max), ISINK = 3.2mA
0.4
Push-Pull RESET Output Voltage
VOH
VOUT < VTH, ISOURCE = 150µA
0.8
VOUT
V
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3.6V, TA = -0°C to +85°C. Typical values are at IOUT = 0, COUT = 2.2µF, TA = +25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX6349ZP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349ZP MAXIM-MAX6349ZP Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6349ZP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com