Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ02S1203A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DZ02S1203A
Description  3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ02S1203A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DZ02S1203A Datasheet HTML 1Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 2Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 3Page - Delta Electronics, Inc. DZ02S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SE03S/D Sries
3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DS_SE03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 83%
SMD Package with Industry Standard Pinout
Isolation Voltage 1000VDC
2:1 Wide Input Range
Low ripple and noise
Short Circuit Protection
Temperature Performance -40
℃ to +71℃
CSA60950-1 Safety Approval
> 1MHours MTBF
Lead free, RoHs Compliant
3 Years Product Warranty
The SE03S/D series are miniature, SMD Package, isolated 3W DC/DC converters with 1,500VDC isolation. The SE03S/D series
features fully regulated output and ultra wide 2:1 input voltage ranges. It offers short circuit protection and allows a wide
operating temperature range of –40°C to +71°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
SE03S1203A
3.3
700
70
257
75
SE03S1205A
5
600
60
316
79
SE03S1212A
12
250
25
305
82
SE03S1215A
15
200
20
305
4700
82
SE03D1205A
±5
±300
±30
321
78
SE03D1212A
±12
±125
±12.5
309
81
SE03D1215A
12
(9 ~ 18)
±15
±100
±10
309
20
25
180*
81
SE03S2403A
3.3
700
70
127
76
SE03S2405A
5
600
60
156
80
SE03S2412A
12
250
25
151
83
SE03S2415A
15
200
20
151
4700
83
SE03D2405A
±5
±300
±30
158
79
SE03D2412A
±12
±125
±12.5
152
82
SE03D2415A
24
(18 ~ 36)
±15
±100
±10
152
5
15
180*
82
SE03S4803A
3.3
700
70
63
76
SE03S4805A
5
600
60
78
80
SE03S4812A
12
250
25
75
83
SE03S4815A
15
200
20
75
4700
83
SE03D4805A
±5
±300
±30
79
79
SE03D4812A
±12
±125
±12.5
76
82
SE03D4815A
48
(36 ~ 75)
±15
±100
±10
76
3
10
180*
82
* For each output


Similar Part No. - DZ02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DZ02S1203A DELTA-DZ02S1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ02S1203A DELTA-DZ02S1203A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ02S1203A DELTA-DZ02S1203A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ02S1203A DELTA-DZ02S1203A Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
DZ02S1203A DELTA-DZ02S1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DZ02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com