Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48SR3R307NNFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # T48SR3R307NNFA
Description  Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR3R307NNFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button T48SR3R307NNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 9Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 10Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 11Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS_ T48SR3R307_10162012
10
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
AIR FLOW
MODU LE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODU LE
FANCING PW B
Note: Wind Tunnel Test Setup Figure D im ensions are in millimeters and (Inches)
Figure 23: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
THERMAL CURVES
NTC RE SISTOR
AIRFL OW
HOT SPOT
Figure 24: * Hot spot& NTC resistor temperature measured
points.
T48SR3R307(Standard) Output Current vs. Ambient Temperat ureand Air Velocit y
@Vin = 48V (Either Orientation)
0
1
2
3
4
5
6
7
8
25
30
35
40
45
50
55
60
65
70
7 5
80
85
Ambient T empe ratur e (℃)
Outpu t Curren t (A)
Natural
Convect ion
100LF M
20 0L FM
Figure 25: Output current vs. ambient temperature and air
velocity @Vin=48V(Either orientation, without heat spreader)


Similar Part No. - T48SR3R307NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Fixed frequency operation
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR3R307NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com