Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA01S1203A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PA01S1203A
Description  2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA01S1203A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PA01S1203A Datasheet HTML 1Page - Delta Electronics, Inc. PA01S1203A Datasheet HTML 2Page - Delta Electronics, Inc. PA01S1203A Datasheet HTML 3Page - Delta Electronics, Inc. PA01S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_PH02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
4.5
6
8.5
Start-Up Voltage
48V Input Models
8.5
12
17
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
0.5
A
Short Circuit Input Power
---
---
1500
mW
Input Filter
Capacitor type
Internal Power Dissipation
All Models
---
---
2500
mW
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±0.75
%
Ripple & Noise (20MHz)
---
30
50
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
75
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
100
300
uS
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/
Output Short Circuit
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
250
500
pF
Switching Frequency
---
300
---
KHz
MTBF (Calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Recommended Input Fuse
24V Input Models
48V Input Models
350mA Slow-Blow Type
135mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Under 0.6 VDC or Open Circuit, drops down to 0VDC by 2mV/
Converter Off
2.9 to 15 VDC
Standby Input Current
---
1
3
mA
Control Input Current ( on )
Vin = 0V
---
---
-1
mA
Control Input Current ( off )
Vin = 5.0V
---
---
1
mA
Control Common
Referenced to Negative Input
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-55
+105
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for
---
260
P2


Similar Part No. - PA01S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01S1203A DELTA-PA01S1203A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01S1203A DELTA-PA01S1203A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01S1203A DELTA-PA01S1203A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA01S1203A DELTA-PA01S1203A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA01S1203A DELTA-PA01S1203A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PA01S1203A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
PL01S DELTA-PL01S Datasheet
197Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com