Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4008R856 Datasheet(PDF) 6 Page - Littelfuse

Part # L4008R856
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4008R856 Datasheet(HTML) 6 Page - Littelfuse

Back Button L4008R856 Datasheet HTML 2Page - Littelfuse L4008R856 Datasheet HTML 3Page - Littelfuse L4008R856 Datasheet HTML 4Page - Littelfuse L4008R856 Datasheet HTML 5Page - Littelfuse L4008R856 Datasheet HTML 6Page - Littelfuse L4008R856 Datasheet HTML 7Page - Littelfuse L4008R856 Datasheet HTML 8Page - Littelfuse L4008R856 Datasheet HTML 9Page - Littelfuse L4008R856 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
80
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-1510356085110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Junction Temperature (T
J)- ºC
-65
-40
-1510356085110
125
0.0
0.5
1.0
1.5
2.0
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current (Standard / Alternistor Triac)
Figure 8: On-State Current vs. On-State Voltage
(Typical)
0.6
0.8
1.01.2
1.41.6
20
16
12
8
4
0
T
C = 25°C
Postitive or Negative Instantaneous
On-State Voltage (v
T) - Volts
RMS On-State Current (I
T(RMS)) - Amps
0246
810
0
2
4
6
8
10
12
14
16
18
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current (Sensitive Triac)
RMS On-State Current (I
T(RMS)) - Amps
012345678
60
65
70
75
80
85
90
95
100
105
110
Lxx08Vy
Lxx08Dy
Lxx08Ry
Lxx08Ly
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASETEMPERATURE: Measured as shown on
Dimensional Drawings
RMS On-State Current (I
T(RMS)) - Amps
60
70
80
90
100
110
120
130
01234567
8
Qxx08Lyy
Qxx08Ryy
Qxx08Nyy
Qxx08Vyy
Qxx08Dyy
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity


Similar Part No. - L4008R856

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4008D6 TECCOR-L4008D6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4008D6 LITTELFUSE-L4008D6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L4008D6 TECCOR-L4008D6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4008D6 LITTELFUSE-L4008D6 Datasheet
176Kb / 8P
   Sensitive Triacs
L4008D6 LITTELFUSE-L4008D6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L4008R856

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com