Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC120L Datasheet(PDF) 1 Page - Littelfuse

Part # AC120L
Description  Gas Discharge Tube (GDT) Products AC and CG3 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AC120L Datasheet(HTML) 1 Page - Littelfuse

  AC120L Datasheet HTML 1Page - Littelfuse AC120L Datasheet HTML 2Page - Littelfuse AC120L Datasheet HTML 3Page - Littelfuse AC120L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: February 19, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
AC and CG3 Series
AC and CG3 Series
Description
Littelfuse AC series two-electrode line protectors
provide a high degree of surge protection in AC line
applications. The two models, AC120 and AC240
are designed for use with 120VAC and 240VAC lines
respectively. They are able to extinguish AC follow-on
currents of at least 200A.
Littelfuse CG3 two electrode high voltage (1.0 - 7.5
KV) devices are designed for surge protection and
high isolation applications, and for applications
for which bias voltages or signal levels of several
hundred volts are normally present.
Features
• Rugged ceramic-metal
construction
• Low capacitance (<1.5
pF)
• Available in tape-and-
reel packaging
• Available with or
without leads
AGENCY
AGENCY FILE NUMBER
E320116*
Agency Approvals
AC and CG3 Series
Applications
• CRT terminals
• CATV equipment
• Antennas
• Power supplies
• Medical electronics
CG3 Series:
• Long branch circuits
(AC wall outlet)
• Short branch circuits
(at breaker box,
computer, etc)
• Power supplies
• Test equipment
• Submersible pumps
• Medical electronics
AC Series:
*NOTE: CG3 7.5 product UL approval is currently pending
2 Electrode GDT Graphical Symbol


Similar Part No. - AC120L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC120L LITTELFUSE-AC120L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
AC120LTR LITTELFUSE-AC120LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
More results

Similar Description - AC120L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC240L LITTELFUSE-AC240L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0L LITTELFUSE-CG35.0L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG33.0 LITTELFUSE-CG33.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com