Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-D1B4-P1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3F2-D1B4-P1
Description  Sensor connectors, reflectors, mounting brackets, accessories
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-D1B4-P1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3F2-D1B4-P1 Datasheet HTML 1Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 2Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 3Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 4Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-D1B4-P1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
General purpose connectors (M8/M12)
XS3F, XS2F
Ordering information
Note: M12 2-wire models are available for AC and DC applications.
Contact your Omron representative
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
General purpose
M8
Brass
(Nickel plated)
PVC
3 pin
angled
2
XS3F-M8PVC3A2M
5
XS3F-M8PVC3A5M
straight
2
XS3F-M8PVC3S2M
5
XS3F-M8PVC3S5M
4 pin
angled
2
XS3F-M8PVC4A2M
5
XS3F-M8PVC4A5M
straight
2
XS3F-M8PVC4S2M
5
XS3F-M8PVC4S5M
M12
3 wire
angled
2
XS2F-M12PVC3A2M
5
XS2F-M12PVC3A5M
straight
2
XS2F-M12PVC3S2M
5
XS2F-M12PVC3S5M
4 wire
angled
2
XS2F-M12PVC4A2M
5
XS2F-M12PVC4A5M
straight
2
XS2F-M12PVC4S2M
5
XS2F-M12PVC4S5M
5 wire
angled
2
XS2F-M12PVC5A2M
5
XS2F-M12PVC5A5M
straight
2
XS2F-M12PVC5S2M
5
XS2F-M12PVC5S5M
M8
PUR
3 pin
angled
2
XS3F-M8PUR3A2M
5
XS3F-M8PUR3A5M
straight
2
XS3F-M8PUR3S2M
5
XS3F-M8PUR3S5M
4 pin
angled
2
XS3F-M8PUR4A2M
5
XS3F-M8PUR4A5M
straight
2
XS3F-M8PUR4S2M
5
XS3F-M8PUR4S5M
M12
3 wire
angled
2
XS2F-M12PUR3A2M
5
XS2F-M12PUR3A5M
straight
2
XS2F-M12PUR3S2M
5
XS2F-M12PUR3S5M
4 wire
angled
2
XS2F-M12PUR4A2M
5
XS2F-M12PUR4A5M
straight
2
XS2F-M12PUR4S2M
5
XS2F-M12PUR4S5M
5 wire
angled
2
XS2F-M12PUR5A2M
5
XS2F-M12PUR5A5M
straight
2
XS2F-M12PUR5S2M
5
XS2F-M12PUR5S5M


Similar Part No. - E3F2-D1B4-P1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-D1B4-P1 OMRON-E3F2-D1B4-P1 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-D1B4-P1 OMRON-E3F2-D1B4-P1 Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3F2-D1B4-P1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-E10 OMRON-E39-E10 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com