Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D5101BB300 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MMU01020D5101BB300
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D5101BB300 Datasheet(HTML) 5 Page - Vishay Siliconix

  MMU01020D5101BB300 Datasheet HTML 1Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 2Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 3Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 4Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 5Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 6Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 7Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 8Page - Vishay Siliconix MMU01020D5101BB300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Vishay Beyschlag
Precision MELF Resistors
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28714
38
Revision: 18-Jul-06
DESCRIPTION
Production is strictly controlled and follows an extensive set
of instructions established for reproducibility. A homo-
geneous film of metal alloy is deposited on a high grade
ceramic body (85 % Al2O3, for MICRO-MELF: 96 % Al2O3)
and conditioned to achieve the desired temperature
coefficient. Nickel plated steel termination caps are firmly
pressed on the metallised rods. A special laser is used to
achieve the target value by smoothly cutting a helical groove
in the resistive layer without damaging the ceramics. A
further conditioning is applied in order to stabilise the
trimming result. The resistor elements are covered by a
protective coating designed for electrical, mechanical and
climatic protection. The terminations receive a final pure tin
on nickel plating. Five color code rings designate the
resistance
value
and
tolerance
in
accordance
with
IEC 60062*.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. Only accepted products are laid directly
into the blister tape in accordance with IEC 60 286-3* or bulk
case in accordance with IEC 60286-6*.
ASSEMBLY
The resistors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase as shown in
IEC 61760-1*. Excellent solderability is proven, even after
extended storage in excess of 10 years. The encapsulation
is resistant to all cleaning solvents commonly used in the
electronics industry, including alcohols, esters and aqueous
solutions. The resistors are completely lead (Pb)-free, the
pure tin plating provides compatibility with lead (Pb)-free
soldering processes. The immunity of the plating against tin
whisker growth has been proven under extensive testing.
All products comply with the GADSL1) and the CEFIC-
EECA-EICTA2) list of legal restrictions on hazardous
substances. This includes full compliance with the following
directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and Annex II
(ELV II)
• 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
1) Global Automotive Declarable Substance List, see www.gadsl.org
2) CEFIC (European Chemical Industry Council), EECA (European
Electronic
Component
Manufacturers
Association),
EICTA
(European trade organisation representing the information and
communications technology and consumer electronics), see
www.eicta.org -> issues -> environment policy -> chemicals ->
chemicals for electronics
APPROVALS
The resistors are tested in accordance with EN 140401-803
(superseding
CECC
40401-803)
which
refers
to
EN 60115-1, EN 140400 and the variety of enviromental test
procedures of the IEC 60068* series. Approval of conformity
is indicated by the CECC logo on the package label.
Vishay
BEYSCHLAG
has
achieved
"Approval
of
Manufacturer" in accordance with IEC QC 001002-3,
clause 2. The release certificate for "Technology Approval
Schedule" in accordance with CECC 240001 based on
IEC QC 001002-3, clause 6 is granted for the Vishay
BEYSCHLAG manufacturing process.
SPECIALS
On request, resistors are available with established reliability
in accordance with EN 140401-803 Version E. Please refer
to the special data sheet for information on failure rate level,
available resistance ranges and ordering codes.
Note:
* The quoted IEC standards are also released as EN standards with
the same number and identical contents.


Similar Part No. - MMU01020D5101BB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D5620DB0 VISHAY-MMU01020D5620DB0 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D5101BB300

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com