Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4802LYDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4802LYDWR
Description  PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4802LYDWR Datasheet(HTML) 3 Page - Texas Instruments

  BQ4802LYDWR Datasheet HTML 1Page - Texas Instruments BQ4802LYDWR Datasheet HTML 2Page - Texas Instruments BQ4802LYDWR Datasheet HTML 3Page - Texas Instruments BQ4802LYDWR Datasheet HTML 4Page - Texas Instruments BQ4802LYDWR Datasheet HTML 5Page - Texas Instruments BQ4802LYDWR Datasheet HTML 6Page - Texas Instruments BQ4802LYDWR Datasheet HTML 7Page - Texas Instruments BQ4802LYDWR Datasheet HTML 8Page - Texas Instruments BQ4802LYDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
bq4802Y
bq4802LY
SLUS464C – AUGUST 2000 – REVISED JUNE 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VCC(min) ≤ VCC ≤ VCC(max) unless otherwise noted)
INPUT SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
100% Minimum duty cycle,
CS = VIL,
II/O = 0 mA
5
9
mA
CS = VIH
3
ISB1
Standby supply current
CS = VCC – 0.2 V,
0 V
≤ VIN ≤ 0.2 V or VIN = VCC – 0.2 V
1.5
mA
ICCB
Battery operation supply current
VBC = 3 V, TA = 25°C,
No load at VOUT or CEOUT, II/O = 0 mA
0.3
0.5
µA
ILI
Input leakage current
VIN = VSS to VCC
–1
1
µA
ILO
Output leakage current
CS = VIH or OE = VIH or WE = VIL
–1
1
µA
VOUT(1)
Output voltage
IOUT = 80 mA,VCC > VBC
VCC-0.3
V
VOUT(2)
Output voltage
IOUT = 100 µA, VCC < VBC
VBC-0.3
V
VPFD
Power fail detect voltage
bq4802Y
4.30
4.37
4.5
V
VPFD
Power fail detect voltage
bq4802LY
2.4
2.53
2.65
V
VSO
Supply switch over voltage
VBC > V(PFD)
VPFD
V
VSO
Supply switch over voltage
VBC < V(PFD)
VBC
V
VRST
RST output voltage(1)
I(RST) = 4 mA
0.4
V
VINT
INT output voltage(1)
I(INT) = 4 mA
0.4
V
(1) RST and INT are open drain outputs.
WATCHDOG
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(WDIL)
Low-level watchdog input current
–50
–10
µA
I(WDIH)
High-level watchdog input current
20
50
µA
V(WDO)
WDO output voltage
ISINK = 4 mA
0.4
V
V(WDO)
WDO output voltage
ISOURCE = 2 mA
2.4
V
CRYSTAL SPECIFICATIONS (DT-26) OR EQUIVALENT)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fO
Oscillation frequency
32.768
kHz
CL
Load capacitance
6
pF
TP
Temperature turnover point
20
25
30
°C
k
Parabolic curvature constant
–0.042
ppm/
°C
Q
Quality factor
40,000
70,000
R1
Series resistance
45
k
C0
Shunt capacitance
1.1
1.8
pF
C0/C1
Capacitance ratio
430
600
DL
Drive level
1
µW
∆f/f0
Aging (first year at 25
°C)
1
ppm
CAPACITANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II/O
Input/outputcapacitance
VOut = 0 V
7
pF
CI
Input capacitance
V = 0 V
5
pF


Similar Part No. - BQ4802LYDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
More results

Similar Description - BQ4802LYDWR

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com