Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4802LYPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4802LYPW
Description  PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4802LYPW Datasheet(HTML) 5 Page - Texas Instruments

  BQ4802LYPW Datasheet HTML 1Page - Texas Instruments BQ4802LYPW Datasheet HTML 2Page - Texas Instruments BQ4802LYPW Datasheet HTML 3Page - Texas Instruments BQ4802LYPW Datasheet HTML 4Page - Texas Instruments BQ4802LYPW Datasheet HTML 5Page - Texas Instruments BQ4802LYPW Datasheet HTML 6Page - Texas Instruments BQ4802LYPW Datasheet HTML 7Page - Texas Instruments BQ4802LYPW Datasheet HTML 8Page - Texas Instruments BQ4802LYPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
bq4802Y
bq4802LY
SLUS464C – AUGUST 2000 – REVISED JUNE 2002
www.ti.com
5
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT
X1
X2
WDO
INT
RST
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
WE
CEIN
CEOUT
BC
WDI
OE
CS
VSS
DQ7
DQ6
DQ5
DQ4
DQ3
DW OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT
NC
NC
WDO
INT
RST
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
WE
CEIN
CEOUT
NC
WDI
OE
CS
NC
DQ7
DQ6
DQ5
DQ4
DQ3
DSH PACKAGE
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A0
10
A0 – A3 allow access to the 16 bytes of real-time clock and control registers.
A1
9
yg
A2
8
A3
7
BC
24(1)
BC should be connected to a 3-V backup cell. A voltage within the VBC range on the BC pin should be present
upon power up to provide proper oscillator start-up. Not accessible in module packages.
CEIN
26
Input to the chip-enable gating circuit
CEOUT
25
CEOUT goes low only when CEIN is low and VCC is above the power fail threshold. If CEIN is low, and power fail
occurs, CEOUT stays low for 100 µs or until CEIN goes high, whichever occurs first.
CS
21
I
Chip-select input
DQ0
11
I
DQ0–DQ7 provide x8 data for real-time clock information. These pins connect to the memory data bus.
DQ1
12
I
Q
Q
y
DQ2
13
I
DQ3
15
I
DQ4
16
I
DQ5
17
I
DQ6
18
I
DQ7
19
I
INT
5
INT goes low when a power fail, periodic, or alarm condition occurs. INT is an open-drain output.
OE
22
OE provides the read control for the RTC memory locations.
RST
6
RST goes low whenever VCC falls below the power fail threshold. RST remains low for 200 ms (typical) after
VCC crosses the threshold on power-up. The bq4802Y/bq4802LY also enters the reset cycle when RST is released
from being pulled low for more than 1
µs.
VCC
28
I
5-V or 3.3-V input
VOUT
1
O
VOUT provides the higher of VCC or VBC, switched internally, to supply external RAM.
V
14
Ground
VSS
20(1)
(1) This pin should be left unconnected (NC) when using the SNAPHAT (DSH) package.


Similar Part No. - BQ4802LYPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
More results

Similar Description - BQ4802LYPW

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com