Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM158AHRLQMLV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM158AHRLQMLV
Description  LM158QML Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AHRLQMLV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM158AHRLQMLV Datasheet HTML 5Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 6Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 7Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 8Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 9Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 10Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 11Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 12Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM158QML
www.ti.com
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
SMD 5962–8771003 ELDRS Free Only
DC Drift Parameters (continued)
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Delta calculations are performed on QMLV devices at Group B, Subgroup 5 only.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
±IIB
Input Bias Current
+VCC = 5V, VCM = 0V
See(1)
-10
10
nA
1
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
SMD 5962–8771003 ELDRS Free Only
100K Post Radiation Limits @ +25°C
(1)
DC Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Parameter
Test Conditions
Notes
Min
Max
Units
Sub -
groups
VIO
Input Offset Voltage
+VCC = 30V, VCM = 0V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 30V, VCM = 28.5V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 5V, VCM = 0V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
±IIB
Input Bias Current
+VCC = 5V, VCM = 0V
See(1)(2)
-60
-1.0
nA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be sensitive in a high dose environment. Low dose rate testing has been performed on a
wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS).
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM158QML


Similar Part No. - LM158AHRLQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
1,004Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

Similar Description - LM158AHRLQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158QML TI1-LM158QML Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
5962R8771003VXA TI1-5962R8771003VXA Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com