Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D5104DB300 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMU01020D5104DB300
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D5104DB300 Datasheet(HTML) 3 Page - Vishay Siliconix

  MMU01020D5104DB300 Datasheet HTML 1Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 2Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 3Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 4Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 5Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 6Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 7Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 8Page - Vishay Siliconix MMU01020D5104DB300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Vishay Beyschlag
Precision MELF Resistors
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28714
36
Revision: 18-Jul-06
Notes
1. Products can be ordered using either the PRODUCT DESCRIPTION or the 12NC.
2. The PART NUMBER is shown to facilitate the introduction of the unified part numbering system. Currently, this PART NUMBER is applicable
in the Americas and in Asia/Pacific only.
3. Please refer to table PACKAGING, see below.
PART NUMBER AND PRODUCT DESCRIPTION1)
PART NUMBER2): MMA02040D5620BBL00
MODEL/SIZE
SPECIAL CHARACTER
TC
VALUE
TOLERANCE
PACKAGING3)
SPECIAL
MMU0102
MMA0204
MMB0207
0 = neutral, acc. CECC E0
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit multiplier
Multiplier
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
B1
B3
B0
B2
B7
M3
M8
up to 2 digits
00 = standard
PRODUCT DESCRIPTION: MMA 0204-25 0.1 % BL 562R
MMA
0204
-25
0.1 %
BL
562R
MODEL
SIZE
TCR
TOLERANCE
PACKAGING3)
RESISTANCE VALUE
MMU
MMA
MMB
0102
0204
0207
± 15 ppm/K
± 25 ppm/K
± 0.1 %
± 0.25 %
± 0.5 %
B1
BL
B0
B2
B7
M3
M8
562R = 562
Ω
4K64 = 4.64 k
Ω
PACKAGING
MODEL
BLISTER TAPE ON REEL
ACC. IEC 60286-3
BULK CASE
ACC. IEC 60286-6
DIAMETER
PIECES/REEL
CODE
PIECES/BULK CASE
CODE
MMU 0102
180 mm/7"
1000
B1
8000
M8
180 mm/7"
3000
B3 = BL
330 mm/13"
10 000
B0
MMA 0204
180 mm/7"
1000
B1
3000
M3
180 mm/7"
3000
B3 = BL
330 mm/13"
10 000
B0
MMB 0207
180 mm/7"
1000
B1
--
180 mm/7"
2000
B2
330 mm/13"
7000
B7
0B
B
L
00
2
40
D
5
6
MM
A
0
2
0


Similar Part No. - MMU01020D5104DB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D5620DB0 VISHAY-MMU01020D5620DB0 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D5104DB300

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com